Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8800RTYR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8800RTYR Datasheet HTML 4Page - Texas Instruments DRV8800RTYR Datasheet HTML 5Page - Texas Instruments DRV8800RTYR Datasheet HTML 6Page - Texas Instruments DRV8800RTYR Datasheet HTML 7Page - Texas Instruments DRV8800RTYR Datasheet HTML 8Page - Texas Instruments DRV8800RTYR Datasheet HTML 9Page - Texas Instruments DRV8800RTYR Datasheet HTML 10Page - Texas Instruments DRV8800RTYR Datasheet HTML 11Page - Texas Instruments DRV8800RTYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DRV8800
DRV8801
SLVS855D – JULY 2008 – REVISED APRIL 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBB
Load supply voltage(2)
40
V
Output current
2.8
A
VSense
Sense voltage
±500
mV
VBB to OUTx
36
V
OUTx to SENSE
36
V
VDD
Logic input voltage(2)
–0.3
7
V
Human-Body Model (HBM)
±2
kV
ESD rating
Charged-Device Model (CDM)
500
V
Continuous total power dissipation
See Dissipation Ratings Table
TA
Operating free-air temperature range
–40
85
°C
TJ
Maximum junction temperature
190
°C
Tstg
Storage temperature range
–40
125
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
TA = 25°C
DERATING FACTOR
PACKAGE
qJA
POWER RATING
ABOVE TA = 25°C
RTY
41.6
3 W
24 mW/C
PWP
32.6
3.8 W
31 mW/C
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage, VBB
8
32
38
V
TA
Operating free-air temperature
–40
85
°C
8
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com