Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8800RTYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8800RTYR Datasheet HTML 1Page - Texas Instruments DRV8800RTYR Datasheet HTML 2Page - Texas Instruments DRV8800RTYR Datasheet HTML 3Page - Texas Instruments DRV8800RTYR Datasheet HTML 4Page - Texas Instruments DRV8800RTYR Datasheet HTML 5Page - Texas Instruments DRV8800RTYR Datasheet HTML 6Page - Texas Instruments DRV8800RTYR Datasheet HTML 7Page - Texas Instruments DRV8800RTYR Datasheet HTML 8Page - Texas Instruments DRV8800RTYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DRV8800
DRV8801
www.ti.com
SLVS855D – JULY 2008 – REVISED APRIL 2010
DMOS FULL-BRIDGE MOTOR DRIVERS
Check for Samples: DRV8800, DRV8801
1
FEATURES
•
Crossover-Current Protection
2
•
Low ON-Resistance [Rds(ON)] Outputs
•
16-Pin QFN With PowerPAD™ Package
•
Overcurrent Protection
xxx
•
Motor Lead Short-to-Supply Protection
APPLICATIONS
•
Short-to-Ground Protection
•
Printers
•
Low-Power Mode
•
Industrial Automation
•
Synchronous Rectification
•
Diagnostic Output
•
Internal Undervoltage Lockout (UVLO)
DESCRIPTION/ORDERING INFORMATION
Designed to control dc motors by using pulse width modulation (PWM), the DRV8800/DRV8801 is capable of
peak output currents up to ±2.8 A and operating voltages up to 36 V.
The PHASE and ENABLE inputs provide dc motor speed and direction control by applying external pulse-width
modulation (PWM) and control signals. Internal synchronous rectification control circuitry provides lower power
dissipation during PWM operation.
Internal circuit protection includes motor lead short-to-supply/short-to-ground, thermal shutdown with hysteresis,
undervoltage monitoring of VBB and VCP, and crossover-current protection.
The DRV8800/DRV8801 is supplied in a thin-profile 16-pin QFN (RTY) PowerPAD™ package, providing
enhanced thermal dissipation. The devices are lead free (Pb free).
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
DRV8800RTYR
DRV8800
DRV8800RTYT
DRV8800
Plastic QFN 16 (S-PQFP-16) – RTY
DRV8801RTYR
DRV8801
DRV8801RTYT
DRV8801
–40°C to 85°C
DRV8800PWP
DRV8800
DRV8800PWPR
DRV8800
TSSOP - PWP
DRV8801PWP
DRV8801
DRV8801PWPR
DRV8801
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV8800RTYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800RTYR TI-DRV8800RTYR Datasheet
636Kb / 20P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800RTYR TI2-DRV8800RTYR Datasheet
1Mb / 39P
DRV880x DMOS Full-Bridge Motor Drivers
REVISED MARCH 2021
DRV8800RTYR.A TI2-DRV8800RTYR.A Datasheet
1Mb / 39P
DRV880x DMOS Full-Bridge Motor Drivers
REVISED MARCH 2021
DRV8800RTYR.B TI2-DRV8800RTYR.B Datasheet
1Mb / 39P
DRV880x DMOS Full-Bridge Motor Drivers
REVISED MARCH 2021
DRV8800RTYRG4 TI2-DRV8800RTYRG4 Datasheet
1Mb / 39P
DRV880x DMOS Full-Bridge Motor Drivers
REVISED MARCH 2021
More results

Similar Description - DRV8800RTYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
DMOS FULL-BRIDGE MOTOR DRIVERS
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
DRV880x DMOS Full-Bridge Motor Drivers
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
Full-Bridge DMOS PWM Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com