Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8800RTYR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8800RTYR Datasheet HTML 9Page - Texas Instruments DRV8800RTYR Datasheet HTML 10Page - Texas Instruments DRV8800RTYR Datasheet HTML 11Page - Texas Instruments DRV8800RTYR Datasheet HTML 12Page - Texas Instruments DRV8800RTYR Datasheet HTML 13Page - Texas Instruments DRV8800RTYR Datasheet HTML 14Page - Texas Instruments DRV8800RTYR Datasheet HTML 15Page - Texas Instruments DRV8800RTYR Datasheet HTML 16Page - Texas Instruments DRV8800RTYR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DRV8800
DRV8801
www.ti.com
SLVS855D – JULY 2008 – REVISED APRIL 2010
Control Logic Table(1)
PINS
OPERATION
PHASE
ENABLE
MODE 1
MODE 2
nSLEEP
OUT+
OUT-
1
1
X
X
1
H
L
Forward
0
1
X
X
1
L
H
Reverse
X
0
1
0
1
L
L
Brake (slow decay)
Fast-decay synchronous
1
0
0
1
1
L
H
rectification(2)
Fast-decay synchronous
0
0
0
X
1
H
L
rectification(2)
X
X
X
X
0
Z
Z
Sleep mode
(1)
X = Don’t care, Z = high impedance
(2)
To prevent reversal of current during fast-decay synchronous rectification, outputs go to the high-impedance state as the current
approaches 0 A.
Overcurrent Protection
The current flowing through the high-side and low-side drivers is monitored to ensure that the motor lead is not
shorted to supply or ground. If a short is detected, the full-bridge outputs are turned off, flag nFAULT is driven
low, and a 1.2-ms fault timer is started. After this 1.2-ms period, tOCP , the device is then allowed to follow the
input commands and another turnon is attempted (nFAULT becomes high again during this attempt). If there is
still a fault condition, the cycle repeats. If after tOCP expires it is determined the short condition is not present,
normal operation resumes and nFAULT is deasserted.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com