Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8800RTYR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV8800RTYR Datasheet HTML 8Page - Texas Instruments DRV8800RTYR Datasheet HTML 9Page - Texas Instruments DRV8800RTYR Datasheet HTML 10Page - Texas Instruments DRV8800RTYR Datasheet HTML 11Page - Texas Instruments DRV8800RTYR Datasheet HTML 12Page - Texas Instruments DRV8800RTYR Datasheet HTML 13Page - Texas Instruments DRV8800RTYR Datasheet HTML 14Page - Texas Instruments DRV8800RTYR Datasheet HTML 15Page - Texas Instruments DRV8800RTYR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
DRV8800
DRV8801
SLVS855D – JULY 2008 – REVISED APRIL 2010
www.ti.com
Charge Pump
The charge pump is used to generate a supply above VBB to drive the source-side DMOS gates. A 0.1-mF
ceramic monolithic capacitor should be connected between CP1 and CP2 for pumping purposes. A 0.1-mF
ceramic monolithic capacitor, CStorage, should be connected between VCP and VBB to act as a reservoir to run
the high-side DMOS devices. The VCP voltage level is internally monitored and, in the case of a fault condition,
the outputs of the device are disabled.
Shutdown
As a measure to protect the device, faults caused by very high junction temperatures or low voltage on VCP
disable the outputs of the device until the fault condition is removed. At power on, the UVLO circuit disables the
drivers.
Low-Power Mode
Control input nSLEEP is used to minimize power consumption when the DRV8800/DRV8801 is not in use. This
disables much of the internal circuitry, including the internal voltage rails and charge pump. nSLEEP is asserted
low. A logic high on this input pin results in normal operation. When switching from low to high, the user should
allow a 1-ms delay before applying PWM signals. This time is needed for the charge pump to stabilize.
•
MODE 1 (MODE on the DRV8800)
Input MODE 1 is used to toggle between fast-decay mode and slow-decay mode. A logic high puts the device
in slow-decay mode.
•
MODE 2 (DRV8801 only)
MODE 2 is used to select which set of drivers (high side versus low side) is used during the slow-decay
recirculation. MODE 2 is meaningful only when MODE 1 is asserted high. A logic high on MODE 2 has
current recirculation through the high-side drivers. A logic low has current recirculation through the low-side
drivers.
Braking
The braking function is implemented by driving the device in slow-decay mode (MODE 1 pin is high) and
deasserting the enable to low. Because it is possible to drive current in both directions through the DMOS
switches, this configuration effectively shorts out the motor-generated BEMF as long as the ENABLE chop mode
is asserted. The maximum current can be approximated by VBEMF/RL. Care should be taken to ensure that the
maximum ratings of the device are not exceeded in worse-case braking situations – high-speed and high-inertia
loads.
Diagnostic Output
The nFAULT pin signals a problem with the chip via an open-drain output. A motor fault, undervoltage condition,
or TJ > 160°C drives the pin active low. This output is not valid when nSLEEP puts the device into minimum
power dissipation mode (i.e., nSLEEP is low). nFAULT stays asserted (nFAULT = L) until VBB reaches VBBNFR
to give the charge pump headroom to reach its undervoltage threshold. nFAULT is a status-only signal and does
not affect any device functionality. The H-bridge portion still operates normally down to VBB = 8 V with nFAULT
asserted.
Thermal Shutdown (TSD)
Two die-temperature monitors are integrated on the chip. As die temperature increases toward the maximum, a
thermal warning signal is triggered at 160°C. This fault drives the nFAULT low, but does not disable the
operation of the chip. If the die temperature increases further, to approximately 175°C, the full-bridge outputs are
disabled until the internal temperature falls below a hysteresis of 15°C.
12
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com