Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8800RTYR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV8800RTYR Datasheet HTML 12Page - Texas Instruments DRV8800RTYR Datasheet HTML 13Page - Texas Instruments DRV8800RTYR Datasheet HTML 14Page - Texas Instruments DRV8800RTYR Datasheet HTML 15Page - Texas Instruments DRV8800RTYR Datasheet HTML 16Page - Texas Instruments DRV8800RTYR Datasheet HTML 17Page - Texas Instruments DRV8800RTYR Datasheet HTML 18Page - Texas Instruments DRV8800RTYR Datasheet HTML 19Page - Texas Instruments DRV8800RTYR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
P =I (2
R
)
D
DS(on)Sink
2
´
DRV8800
DRV8801
SLVS855D – JULY 2008 – REVISED APRIL 2010
www.ti.com
Slow-Decay SR (Brake Mode)
In slow-decay mode, both low-side sinking drivers turn on, allowing the current to circulate through the H-bridge’s
low side (two sink drivers) and the load. Power dissipation I2R loses in the two sink DMOS drivers:
(2)
SENSE
A low-value resistor can be placed between the SENSE pin and ground for current-sensing purposes. To
minimize ground-trace IR drops in sensing the output current level, the current-sensing resistor should have an
independent ground return to the star ground point. This trace should be as short as possible. For low-value
sense resistors, the IR drops in the PCB can be significant, and should be taken into account.
NOTE
When selecting a value for the sense resistor, SENSE does not exceed the maximum
voltage of ±500 mV. The H-bridge is disabled and enters recirculation while motor winding
current is above a SENSE voltage equal or greater than 500 mV.
Ground
A ground power plane should be located as close to the DRV8800/DRV8801 as possible. The copper ground
plane directly under the PowerPAD package makes a good location. This pad can then be connected to ground
for this purpose.
Layout
The printed circuit board (PCB) should use a heavy ground plane. For optimum electrical and thermal
performance, the DRV8800/DRV8801 must be soldered directly onto the board. On the underside of the
DRV8800/DRV8801 is a PowerPAD package, which provides a path for enhanced thermal dissipation. The
thermal pad should be soldered directly to an exposed surface on the PCB. Thermal vias are used to transfer
heat to other layers of the PCB. For more information on this technique, please refer to document SLMA002.
The load supply pin, VBB, should be decoupled with an electrolytic capacitor (typically 100 mF) in parallel with a
ceramic capacitor placed as close as possible to the device. The ceramic capacitors between VCP and VBB,
connected to VREG, and between CP1 and CP2 should be as close to the pins of the device as possible, in
order to minimize lead inductance.
Pack Material Information
Table 1. Pin 1 Quadrants
Reel
Reel
Package
Package
Width
A0
B0
K0
P1
W
Pin1
Device
Pins
SPQ
Diameter
Type
Drawing
W1
(mm)
(mm)
(mm)
(mm)
(mm)
Quadrant
(mm)
(mm)
DRV8800PWPR
HTSSOP
PWP
16
2000
330
12.4
6.9
5.6
1.6
8
12
Q1
DRV8800RTYR
QFN
RTY
16
3000
330
12.4
4.25
4.25
1.15
8
12
Q2
DRV8800RTYT
QFN
RTY
16
250
180
12.4
4.25
4.25
1.15
8
12
Q2
DRV8800PWPR
HTSSOP
PWP
16
2000
330
12.4
6.9
5.6
1.6
8
12
Q1
DRV8800RTYR
QFN
RTY
16
3000
330
12.4
4.25
4.25
1.15
8
12
Q2
DRV8800RTYT
QFN
RTY
16
250
180
12.4
4.25
4.25
1.15
8
12
Q2
16
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com