Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8800RTYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8800RTYR Datasheet HTML 7Page - Texas Instruments DRV8800RTYR Datasheet HTML 8Page - Texas Instruments DRV8800RTYR Datasheet HTML 9Page - Texas Instruments DRV8800RTYR Datasheet HTML 10Page - Texas Instruments DRV8800RTYR Datasheet HTML 11Page - Texas Instruments DRV8800RTYR Datasheet HTML 12Page - Texas Instruments DRV8800RTYR Datasheet HTML 13Page - Texas Instruments DRV8800RTYR Datasheet HTML 14Page - Texas Instruments DRV8800RTYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
tOCP
tBLANK
IPEAK
IOCP
IOUTx
High-Z
VOUT+
VOUT-
Enable,
Source
orSink
BLANK
ChargePump
Counter
NFAULT
MotorLead
ShortCondition
NormalDC
MotorCapacitance
DRV8800
DRV8801
www.ti.com
SLVS855D – JULY 2008 – REVISED APRIL 2010
Figure 2. Overcurrent Control Timing
FUNCTIONAL DESCRIPTION
Device Operation
The DRV8800/DRV8801 is designed to drive one dc motor. The current through the output full-bridge switches
and all N-channel DMOS are regulated with a fixed off-time PWM control circuit.
Logic Inputs
It is recommended to use a high-value pullup resistor when logic inputs are pulled up to VDD. This resistor limits
the current to the input in case an overvoltage event occurs. Logic inputs are nSLEEP, MODE, PHASE, and
ENABLE. Voltages higher than 7 V on any logic input can cause damage to the input structure.
VREG (DRV8800 Only)
This output represents a measurement of the internal regulator voltage. This pin should be left disconnected. A
voltage of approximately 7.5 V can be measured at this pin.
VPROPI (DRV8801 Only)
This output offers an analog voltage proportional to the winding current. Voltage at this terminal is five times
greater than the motor winding current (VPROPI = 5×I). VPROPI is meaningful only if there is a resistor
connected to the SENSE pin. If SENSE is connected to ground, VPROPI measures 0 V. During slow decay,
VPROPI outputs 0 V. VPROPI can output a maximum of 2.5 V, since at 500 mV on SENSE, the H-bridge is
disabled.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com