Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC915FDH Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
17 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
[1]
Input/output for P1.0 to P1.4. Input for P1.5.
P2.2
5
Port 2: Port 2 is a single bit I/O port with a user-configurable output type.
During reset Port 2 latches are configured in the input only mode with the
internal pull-up disabled. The operation of this Port 2 pin as an input and
output depends upon the port configuration selected. Refer to Section
8.13.1 “Port configurations” and Table 15 “Static characteristics” for
details.
This pin has a Schmitt triggered input.
VSS
4I
Ground: 0 V reference.
VDD
12
I
Power supply: This is the power supply voltage for normal operation as
well as Idle and Power-down modes.
Table 6.
P89LPC917 pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com