Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC915FDH Datasheet(PDF) 62 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
62 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
Table 17.
Dynamic characteristics (18 MHz)
VDD = 3.0 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C, or −40 °C to +125 °C (see Table 3 on page 3), unless otherwise specified.[1][2]
Symbol
Parameter
Conditions
Variable clock
fosc = 18 MHz Unit
Min
Max
Min
Max
fosc(RC)
internal RC oscillator frequency industrial
7.189
7.557
7.189
7.557
MHz
extended
7.004
7.741
7.004
7.741
MHz
fosc(WD)
internal watchdog oscillator
frequency
320
520
320
520
kHz
fCLKLP
low power select clock
frequency
0
8
-
-
MHz
Glitch filter
tgr
glitch rejection time
P1.5/RST pin
-
50
-
50
ns
any pin except
P1.5/RST
-
15
-
15
ns
tsa
signal acceptance time
P1.5/RST pin
125
-
125
-
ns
any pin except
P1.5/RST
50
-
50
-
ns
External clock
fosc
oscillator frequency
0
18
-
-
MHz
Tcy(clk)
clock cycle time
see Figure 28
55
-
-
-
ns
tCHCX
clock HIGH time
see Figure 28
22
Tcy(CLK) − tCLCX
22
-
ns
tCLCX
clock LOW time
see Figure 28
22
Tcy(CLK) − tCHCX
22
-
ns
tCLCH
clock rise time
see Figure 28
-5
-
5
ns
tCHCL
clock fall time
see Figure 28
-5
-
5
ns
Shift register (UART mode 0)
TXLXL
serial port clock cycle time
see Figure 27
16Tcy(CLK)
-
888
-
ns
tQVXH
output data set-up to clock
rising edge time
see Figure 27
13Tcy(CLK)
-
722
-
ns
tXHQX
output data hold after clock
rising edge time
see Figure 27
-Tcy(CLK) + 20
-
75
ns
tXHDX
input data hold after clock rising
edge time
see Figure 27
-0
-
0
ns
tXHDV
input data valid to clock rising
edge time
see Figure 27
150
-
150
-
ns
SPI interface
fSPI
SPI operating frequency
slave
0
CCLK
⁄6
0
3.0
MHz
master
-
CCLK
⁄4
-
4.5
MHz
TSPICYC
SPI cycle time
see Figure 23, 24,
25, 26
slave
6
⁄
CCLK
-
333
-
ns
master
4
⁄
CCLK
-
222
-
ns
tSPILEAD
SPI enable lead time
see Figure 25, 26
slave
250
-
250
-
ns
tSPILAG
SPI enable lag time
see Figure 25, 26
250
-
250
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com