Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC915FDH Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
12 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
[1]
Input/output for P1.0 to P1.4. Input for P1.5.
P1.0/TXD
9
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for serial port.
P1.1/RXD
8
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for serial port.
P1.2/T0/SCL
7
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain
when used as output).
I/O
SCL — I2C serial clock input/output.
P1.3/INT0/SDA
6
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C serial data input/output.
P1.4/INT1
5
I
P1.4 — Port 1 bit 4.
I
INT1 — External interrupt 1 input.
P1.5/RST
3
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1.
When functioning as a reset input, a LOW on this pin resets the
microcontroller, causing I/O ports and peripherals to take on their default
states, and the processor begins execution at address 0. Also used
during a power-on sequence to force ISP mode. When using an
oscillator frequency above 12 MHz, the reset input function of P1.5
must be enabled. An external circuit is required to hold the device in
reset at power-up until VDD has reached its specified level. When
system power is removed VDD will fall below the minimum specified
operating voltage. When using an oscillator frequency above
12 MHz, in some applications, an external brownout detect circuit
may be required to hold the device in reset when VDD falls below the
minimum specified operating voltage.
VSS
4I
Ground: 0 V reference.
VDD
10
I
Power supply: This is the power supply voltage for normal operation as
well as Idle and Power-down modes.
Table 4.
P89LPC915 pin description …continued
Symbol
Pin
Type Description
Table 5.
P89LPC916 pin description
Symbol
Pin
Type Description
P0.0 to P0.5
I/O
Port 0: Port 0 is an 6-bit I/O port with a user-configurable output type.
During reset Port 0 latches are configured in the input only mode with
the internal pull-up disabled. The operation of Port 0 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 8.13.1 “Port configurations”
and Table 15 “Static characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com