Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC915FDH Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
53 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
8.28 User sector security bytes
There are eight User Sector Security Bytes on the P89LPC915/916/917. Each byte
corresponds to one sector. Please see the P89LPC915/916/917
User’s Manual for
additional details.
9.
A/D converter
9.1 General description
The P89LPC915/916/917 devices have a single 8-bit, 4-channel multiplexed
analog-to-digital converter with a DAC module. A block diagram of the A/D converter is
shown in Figure 22. The A/D consists of a 4-input multiplexer which feeds a
sample-and-hold circuit providing an input signal to one of two comparator inputs. The
control logic in combination with the SAR drives a digital-to-analog converter which
provides the other input to the comparator. The output of the comparator is fed to the
SAR.
9.2 Features
I Single 8-bit, 4-channel multiplexed input, successive approximation A/D converter.
I Four A/D result registers.
I Six operating modes:
N Fixed channel, single conversion mode.
N Fixed channel, continuous conversion mode.
N Auto scan, single conversion mode.
N Auto scan, continuous conversion mode.
N Dual channel, continuous conversion mode.
N Single step mode.
I Three conversion start modes:
N Timer triggered start.
N Start immediately.
N Edge triggered.
I 8-bit conversion time of ≥3.9 µs at an A/D clock of 3.3 MHz.
I Interrupt or polled operation.
I Boundary limits interrupt.
I DAC output to a port pin with high output impedance.
I Clock divider.
I Power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com