Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC915FDH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 1 Page - NXP Semiconductors

  P89LPC915FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
1.
General description
The P89LPC915/916/917 are single-chip microcontrollers, available in low-cost packages,
based on a high performance processor architecture that executes instructions in two to
four clocks, six times the rate of standard 80C51 devices. Many system-level functions
have been incorporated into the P89LPC915/916/917 in order to reduce component
count, board space, and system cost.
2.
Features
2.1 Principal features
I 2 kB byte-erasable flash code memory organized into 256-byte sectors and 16-byte
pages. Single-byte erasing allows any byte(s) to be used as non-volatile data storage.
I 256-byte RAM data memory.
I Two 16-bit counter/timers. Timer 0 (and Timer 1 - P89LPC917) may be configured to
toggle a port output upon timer overflow or to become a PWM output.
I 23-bit system timer that can also be used as a Real-Time clock.
I 4-input multiplexed 8-bit A/D converter/single DAC output. Two analog comparators
with selectable reference.
I Enhanced UART with fractional baud rate generator, break detect, framing error
detection, automatic address detection and versatile interrupt capabilities.
I SPI communication port (P89LPC916).
I Internal RC oscillator option allows operation without external oscillator components.
The RC oscillator (factory calibrated to
±1 %) option is selectable and fine tunable.
I 2.4 V to 3.6 V VDD operating range. I/O pins are 5 V tolerant (may be pulled up or
driven to 5.5 V).
I Up to 14 I/O pins when using internal oscillator and reset options (P89LPC916,
P89LPC917).
2.2 Additional features
I 14-pin (P89LPC915) and 16-pin (P89LPC916, P89LPC917) TSSOP packages.
I A high performance 80C51 CPU provides instruction cycle times of 111 ns to 222 ns
for all instructions except multiply and divide when executing at 18 MHz. This is six
times the performance of the standard 80C51 running at the same clock frequency. A
lower clock frequency for the same performance results in power savings and reduced
EMI.
I In-Application Programming (IAP-Lite) and byte erase allows code memory to be used
for non-volatile data storage.
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
2 kB 3 V flash with 8-bit A/D converter
Rev. 05 — 15 December 2009
Product data sheet


Similar Part No. - P89LPC915FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC915FDH PHILIPS-P89LPC915FDH Datasheet
344Kb / 72P
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Rev. 04-17 December 2004
More results

Similar Description - P89LPC915FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC925FDH PHILIPS-P89LPC925FDH Datasheet
233Kb / 49P
8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC915 PHILIPS-P89LPC915 Datasheet
344Kb / 72P
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Rev. 04-17 December 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC938 PHILIPS-P89LPC938 Datasheet
318Kb / 68P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
Rev. 01-25 February 2005
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
P89LPC924_925 PHILIPS-P89LPC924_925 Datasheet
243Kb / 49P
8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com