Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC915FDH Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
36 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
8.13 I/O ports
The P89LPC916 and P89LPC917 devices have three I/O ports: Port 0, Port 1, and Port 2.
The exact number of I/O pins available depends upon the clock and reset options chosen,
as shown in Table 11.
[1]
Required for operation above 12 MHz.
The P89LPC915 has two I/O ports: Port 0 and Port 1. The exact number of I/O pins
available depends upon the clock and reset options chosen, as shown in Table 12.
[1]
Required for operation above 12 MHz.
8.13.1 Port configurations
All but three I/O port pins on the P89LPC915/916/917 may be configured by software to
one of four types on a bit-by-bit basis. These are: quasi-bidirectional (standard 80C51 port
outputs), push-pull, open drain, and input-only. Two configuration registers for each port
select the output type for each port pin.
1. P1.5 (RST) can only be an input and cannot be configured.
2. P1.2 (SCL/T0) and P1.3 (SDA/INT0) may only be configured to be either input-only or
open-drain.
8.13.1.1
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the need
to reconfigure the port. This is possible because when the port outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
LOW, it is driven strongly and able to sink a fairly large current. These features are
somewhat similar to an open-drain output except that there are three pull-up transistors in
the quasi-bidirectional output that serve different purposes.
Table 11.
Number of I/O pins available (P89LPC916 and P89LPC917)
Clock source
Reset option
Number of I/O
pins (16-pin
package)
RC oscillator or watchdog
oscillator
No external reset (except during
power-up)
14
External RST pin supported
13
External clock input
No external reset (except during
power-up)
13
External RST pin supported[1]
12
Table 12.
Number of I/O pins available (P89LPC915)
Clock source
Reset option
Number of I/O
pins (14-pin
package)
RC oscillator or watchdog
oscillator
No external reset (except during
power-up)
12
External RST pin supported
11
External clock input
No external reset (except during
power-up)
11
External RST pin supported[1]
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com