Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button VDIP2_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 13Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
`
Copyright © 2009 Future Technology Devices International Limited
9
Document Reference No.: FT_000017
VDIP2 Vinculum VNC1L Module Datasheet Version 1.0
Clearance No.: FTDI# 145
3.5 Signal Descriptions - UART Interface
The UART interface I/O pin description of the VNC1L device are shown in Table 3.4
Pin No.
Name
Type
Description
14
TXD
Output
Transmit asynchronous data output
16
RXD
Input
Receive asynchronous data input
17
RTS#
Output
Request To Send Control Output / Handshake signal
18
CTS#
Input
Clear To Send Control Input / Handshake signal
19
DTR#
Output
Data Terminal Ready Control Output / Handshake signal
20
DSR#
Input
Data Set Ready Control Input / Handshake signal
21
DCD#
Input
Data Carrier Detect Control Input
22
RI#
Input
Ring Indicator Contro l Input. When the RemoteakeW up option is
enabled in the EEPROM, taking RI# low can be used to resume the PC
USB Host controller from suspend
23
TXDEN#
Input
Enable Transmit Data for RS485 designs
Table 3.4 - Default I/O Pin Configuration – UART Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com