Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button VDIP2_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 13Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 14Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 15Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 16Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 17Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 18Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
`
Copyright © 2009 Future Technology Devices International Limited
14
Document Reference No.: FT_000017
VDIP2 Vinculum VNC1L Module Datasheet Version 1.0
Clearance No.: FTDI# 145
3.7.1 Timing Diagram – Parallel FIFO Read Transaction
When in parallel FIFO interface mode, the timing of a read is shown in Figure 3.6 and Table 3.9
Figure 3.6 - FIFO Read Cycle.
Time
Description
Min
Max
Unit
T1
RD# Active Pulse Width
50
-
ns
T2
RD# to RD# Pre-Charge Time
50 + T6
-
ns
T3
RD# Active to Valid Data*
20
50
ns
T4
Valid Data Hold Time from RD#
Inactive*
0
-
ns
T5
RD# Inactive to RXF#
0
25
ns
T6
RXF# Inactive After RD# Cycle
80
-
ns
Table 3.9 FIFO Read Cycle Timing
* Load = 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com