Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button VDIP2_10 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
`
Copyright © 2009 Future Technology Devices International Limited
5
Document Reference No.: FT_000017
VDIP2 Vinculum VNC1L Module Datasheet Version 1.0
Clearance No.: FTDI# 145
3.2 Pin Signal Description
Pin No.
Name
Pin Name
on PCB
Type
Description
1
NC
Not connnected
2
5V0
5V0
PWR Input 5.0 V module supply pin. This pin provides the 5.0V output on
the USB ‘A’ type socket, and also the 3.3V supply to VNCL2,
via an on-board 3.3 V L.D.O.
3
5V0
5V0
PWR Input 5.0 V module supply pin. This pin provides the 5.0V output on
the USB ‘A’ type socket, and also the 3.3V supply to VNCL2,
via an on-board 3.3 V L.D.O.
4
LED1
LD1
Output
USB port 1 traffic activity indicator LED. This pin is hard wired to
a green LED on board the PCB. It is also brought out onto this
pin which allows for the possibility of bring- ing out an additional
LED traffic indicator out of the VDIP2 board. For example, if the
VDIP2 USB connector is brought out onto an instrument front
panel, an activity LED could be mounted along side it.
5
LED2
LD2
Output
USB port 2 traffic activity indicator LED. This pin is hard wired to
a green LED on board the PCB. It is also brought out onto this
pin which allows for the possibility of bring- ing out an additional
LED traffic indicator out of the VDIP2 board. For example, if the
VDIP2 USB connector is brought out onto an instrument front
panel, an activity LED could be mounted along side it.
6
BDBUS7
BD7
I/O
5V safe bidirectional data / control bus, BD bit 7
7
BCBUS0
BC0
I/O
5V safe bidirectional data / control bus, BC bit 0
8
BCBUS1
BC1
I/O
5V safe bidirectional data / control bus, BC bit 1
9
5V0
5V0
PWR Input
5.0 V module supply pin. This pin provides the 5.0V output on
the USB ‘A’ type socket, and also the 3.3V supply to VNC1L, via
an on-board 3.3 V L.D.O.
10
BCBUS2
BC2
I/O
5V safe bidirectional data / control bus, BC bit 2
11
BCBUS3
BC3
I/O
5V safe bidirectional data / control bus, BC bit 3
12
GND
GND
PWR
Module ground supply pin
13
GND
GND
PWR
Module ground supply pin
14
ADBUS0
AD0
I/O
5V safe bidirectional data / control bus, AD bit 0
15
GND
GND
PWR
Module ground supply pin
16
ADBUS1
AD1
I/O
5V safe bidirectional data / control bus, AD bit 1
17
ADBUS2
AD2
I/O
5V safe bidirectional data / control bus, AD bit 2
18
ADBUS3
AD3
I/O
5V safe bidirectional data / control bus, AD bit 3
19
ADBUS4
AD4
I/O
5V safe bidirectional data / control bus, AD bit 4
20
ADBUS5
AD5
I/O
5V safe bidirectional data / control bus, AD bit 5
21
ADBUS6
AD6
I/O
5V safe bidirectional data / control bus, AD bit 6
22
ADBUS7
AD7
I/O
5V safe bidirectional data / control bus, AD bit 7
23
ACBUS0
AC0
I/O
5V safe bidirectional data / control bus, AC bit 0
24
ACBUS1
AC1
I/O
5V safe bidirectional data / control bus, AC bit 1
26
GND
GND
PWR
Module ground supply pin
27
ACBUS3
AC3
I/O
5V safe bidirectional data / control bus, AC bit 3
28
ACBUS4
AC4
I/O
5V safe bidirectional data / control bus, AC bit 4
29
ACBUS5
AC5
I/O
5V safe bidirectional data / control bus, AC bit 5
30
RESET#
RS#
Input
Can be used by an external device to reset the VNC1L. This pin
can be used in combi- nation with PROG# and the UART /
parallel FIFO / SPI interface to program firmware into the
VNC1L.
31
PROG#
PG#
Input
This pin is used in combination with the RESET# pin and the
UART / parallel FIFO /
32
3V3
3V3
PWR Output 3.3V output from VDIP2’s on board 3.3V L.D.O.
Table 3.1 - Pin Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com