Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button VDIP2_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
`
Copyright © 2009 Future Technology Devices International Limited
8
Document Reference No.: FT_000017
VDIP2 Vinculum VNC1L Module Datasheet Version 1.0
Clearance No.: FTDI# 145
3.4 Default Interface I/O Pin Configuration
The VNC1L device is pre-programmed with default settings for the I/O pins however they can be easily
changed to suit a designers needs. The default interface I/O pin configuration of the VNC1L device are
shown in Table 3.3
Pin
No.
Name
Pin
Name
on
PCB
Type
Description
Data and Control Bus Configuration
Options
UART
Interface
Parallel
FIFO
Interface
SPI Slave
Interface
I/O Port
14
ADBUS0
AD0
I/O
5V safe bidirectional
data / control bus,
AD bit 0
TXD
D0
SCLK
PortAD0
16
ADBUS1
AD1
I/O
5V safe bidirectional
data / control bus,
AD bit 1
RXD
D1
SDI
PortAD1
17
ADBUS2
AD2
I/O
5V safe bidirectional
data / control bus,
AD bit 2
RTS#
D2
SDO
PortAD2
18
ADBUS3
AD3
I/O
5V safe bidirectional
data / control bus,
AD bit 3
CTS#
D3
CS
PortAD3
19
ADBUS4
AD4
I/O
5V safe bidirectional
data / control bus,
AD bit 4
DTR#
D4
NA
PortAD4
20
ADBUS5
AD5
I/O
5V safe bidirectional
data / control bus,
AD bit 5
DSR#
D5
NA
PortAD5
21
ADBUS6
AD6
I/O
5V safe bidirectional
data / control bus,
AD bit 6
DCD#
D6
NA
PortAD6
22
ADBUS7
AD7
I/O
5V safe bidirectional
data / control bus,
AD bit 7
RI#
D7
NA
PortAD7
23
ACBUS0
AC0
I/O
5V safe bidirectional
data / control bus,
AC bit 0
TXDEN#
RXF#
NA
PortAC0
24
ACBUS1
AC1
I/O
5V safe bidirectional
data / control bus,
AC bit 1
NA
TXE#
NA
PortAC1
25
ACBUS2
AC2
I/O
5V safe bidirectional
data / control bus,
AC bit 2
NA
RD#
NA
PortAC2
27
ACBUS3
AC3
I/O
5V safe bidirectional
data / control bus,
AC bit 3
NA
WR
NA
PortAC3
28
ACBUS4
AC4
I/O
5V safe bidirectional
data / control bus,
AC bit 4
NA
NA
NA
PortAC4
Table 3.3 - Default Interface I/O Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com