Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button VDIP2_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 13Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 14Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
`
Copyright © 2009 Future Technology Devices International Limited
10
Document Reference No.: FT_000017
VDIP2 Vinculum VNC1L Module Datasheet Version 1.0
Clearance No.: FTDI# 145
3.6 Signal Descriptions – Serial Peripheral Interface (SPI)
The SPI I/O pin description of the VNC1L device are shown in Table 3.5
Pins No
Name
Type
Description
14
SCLK
Input
SPI Clock input, 12MHz maximum.
16
SDI
Input
SPI Serial Data Input
17
SDO
Output
SPI Serial Data Output
18
CS
Input
SPI Chip Select Input
Table 3.5 - Data and Control Bus Signal Mode Options – SPI Slave Interface
3.6.1 SPI Slave Data Read Cycle
When in SPI mode, the timing of a read operation is shown in Figure 3.3
Figure 3.3 – SPI Slave Data Read Cycle.
From Start - SPI CS must be held high for the entire read cycle, and must be taken low for at least one
clock period after t he read is co mpleted. The first bit on SPI Data In is the R/W bit - inputting a ‘1’ here
a llows data to be read fro m the chip. The next bit is the address bit, ADD, which is used to indicate
whether the data register (‘0’) or the status register (‘1’) is read from. During the SPI read cycle a byte of
data will start being output on SPI Data Out on the next clock cycle after t he address bit, MSBAfterfirst.t
he data has been clocked out of the chip, t he status of SPI Data. Out should be checked to see if the
data read is new data. A ‘0’ level here on SPI Data Out means that the data read is new data. A ‘1’
indicates that the data read is old data, and the read cycle should be repeated to get new data.
Remember that CS must be held low for at least one clock period before being taken high again to
continue with the next read or write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com