Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP2 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VDIP2
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP2 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VDIP2_10 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP2_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
`
Copyright © 2009 Future Technology Devices International Limited
6
Document Reference No.: FT_000017
VDIP2 Vinculum VNC1L Module Datasheet Version 1.0
Clearance No.: FTDI# 145
Pin No. Name
Pin Name
on PCB
Type
Description
33
BDBUS0
BD0
I/O
5V safe bidirectional data / control bus, BD bit 0
34
BDBUS1
BD1
I/O
5V safe bidirectional data / control bus, BD bit 1
35
BDBUS2
BD2
I/O
5V safe bidirectional data / control bus, BD bit 2
36
BDBUS3
BD3
I/O
5V safe bidirectional data / control bus, BD bit 3
37
BDBUS4
BD4
I/O
5V safe bidirectional data / control bus, BD bit 4
38
3V3
3V3
PWR Output 3.3V output from VDIP2’s on board 3.3V L.D.O.
39
3V3
3V3
PWR Output 3.3V output from VDIP2’s on board 3.3V L.D.O.
40
NC
No Connect
Table 3.1 - Pin Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com