Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADRF6510
Rev. 0 | Page 9 of 28
40
35
30
25
20
15
10
–10
–5
0
5
1M
100M
10M
FREQUENCY (Hz)
Figure 11. Frequency Response vs. Bandwidth Setting (Gain = 30 dB),
Log Scale
32
31
28
29
30
27
140
FREQUENCY (MHz)
6
11162126
3136
Figure 12. Frequency Response vs. Bandwidth Setting (Gain = 30 dB),
Linear Scale
30
15
240
FREQUENCY (MHz)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
4
6
8 101214161820222426283032 343638
–40°C
+25°C
+85°C
Figure 13. Frequency Response over Temperature
(Gain = 26 dB, Bandwidth Setting = 30 MHz)
1000
0
0.5
5
50
FREQUENCY (MHz)
100
200
300
400
500
600
700
800
900
GAIN = 20dB
BW = 1MHz
BW = 5MHz
BW = 10MHz
BW = 20MHz
BW = 30MHz
Figure 14. Group Delay vs. Frequency (Gain = 20 dB)
1.0
0.5
0
–0.5
–1.0
0.5
5
30
FREQUENCY (MHz)
GAIN = 20dB
GAIN = 40dB
BANDWIDTH = 30MHz
Figure 15. Group Delay Mismatch vs. Frequency
(Bandwidth Setting = 30 MHz)
5
4
3
2
1
0
–1
–2
–3
–4
–5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FREQUENCY (MHz)
GAIN = 20dB
GAIN = 0dB
BANDWIDTH = 1MHz
Figure 16. IQ Group Delay Mismatch vs. Frequency
(Bandwidth Setting = 1 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com