Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADRF6510
Rev. 0 | Page 16 of 28
PROGRAMMING THE FILTERS
The 0.5 dB corner frequencies for both filters are programmed
simultaneously through the SPI port. A 5-bit register stores the
codes for corner frequencies of 1 MHz through 30 MHz (see
Table 4). The SPI protocol not only allows frequency codes to
be written to the DATA pin but also allows the stored code to
be read back from the SDO pin.
The latch enable (LE) pin must first go to a Logic 0 for a read or
write cycle to begin. On the next rising edge of the clock (CLK),
a Logic 1 on the DATA pin initiates a write cycle, whereas a
Logic 0 on the DATA pin initiates a read cycle. In a write cycle,
the next five CLK rising edges latch the frequency code, LSB
first. When LE goes high, the write cycle is completed and the
frequency code is presented to the filter. In a read cycle, the next
five CLK falling edges present the stored frequency code, LSB
first. When LE goes high, the read cycle is completed. Detailed
timing diagrams are shown in Figure 2 and Figure 3.
Table 4. Frequency Code vs. Corner Frequency Lookup Table
5-Bit Binary Frequency Code1
Corner Frequency (MHz)
00000
1
00001
2
00010
3
00011
4
00100
5
00101
6
00110
7
00111
8
01000
9
01001
10
01010
11
01011
12
01100
13
01101
14
01110
15
01111
16
10000
17
10001
18
10010
19
10011
20
10100
21
10101
22
10110
23
10111
24
11000
25
11001
26
11010
27
11011
28
11100
29
11101
30
11110
30
11111
30
1 MSB first.
NOISE CHARACTERISTICS
The output noise behavior of the ADRF6510 depends on the gain
and bandwidth settings. Both the filter sections and the VGAs
contribute to the total noise at the output. The filter contributes
a noise spectral density profile that is flat at low frequencies, peaks
near the corner frequency, and then rolls off as the filter poles
roll off the gain. The magnitude of the noise spectral density,
expressed in nV/√Hz, varies inversely with the square root of
the bandwidth setting, resulting in a total integrated noise in
nV that is nearly constant with bandwidth setting.
The X-AMP type VGAs used in the ADRF6510 contribute
a fixed noise spectral density to the output, independent of
the gain setting, of −130 dBV/√Hz, which is equivalent to
316 nV/√Hz. Although the VGA noise contribution to the
output is fixed, the gain of the VGA controls the relative
contribution of the filter noise.
Figure 46 and Figure 47 show the total output noise spectral
density vs. frequency for different bandwidth settings. At low
values of VGA gain, the noise at the output is the flat spectral
density contributed by the VGA because the filter noise is sup-
pressed by the VGA attenuation. As the gain increases, more
of the filter noise appears at the output. Because the filter noise
increases at lower bandwidth settings, it overwhelms the VGA
noise floor. In either case, the noise density asymptotically
approaches the −130 dBV/√Hz limit set by the VGA at the
highest frequencies. For other values of VGA gain and band-
width setting, the detailed shape of the noise spectral density
changes.
–115
–120
–125
–130
–135
10
15
20
60
FREQUENCY (MHz)
25
30
35
40
45
50
55
BANDWIDTH = 20MHz
GAIN = 20dB
GAIN = 0dB
GAIN = 40dB
Figure 46. Total Output Noise with a 20 MHz Corner Frequency
for Three Different Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com