Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADRF6510
Rev. 0 | Page 25 of 28
EVALUATION BOARD CONFIGURATION OPTIONS
Table 5 lists the components of the main section of the ADRF6510 evaluation board.
Table 5.
Components
Function
Default Conditions
C1, C2, C4, C5, C11, C12,
C15, C16, L1, L2, R2
Power supply and ground decoupling. Nominal supply decoupling
consists of a 0.1 μF capacitor to ground.
C1, C2 = 10 μF (Size 0603)
C4, C5, C11, C12, C15, C16 = 0.1 μF
(Size 0603)
L1, L2 = 33 μH (Size 0805)
R2 = 1 kΩ (Size 0402)
T1, T2, C3, C6, C7 to C10,
R15 to R18, R31, R32,
R43 to R58
Input interface. Input SMAs INM1_SE_P and INP2_SE_P are used to drive
the baluns in a single-ended fashion. The default configuration of the
evaluation board is for single-ended operation.
T1 and T2 are 8:1 impedance ratio baluns to transform a 50 Ω, single-ended
input into a 400 Ω balanced differential signal. R31, R32, and R47 to R50
are populated for appropriate balun interface. R51 to R58 are provided
for generic placement of matching components. C3 and C6 are balun
decoupling capacitors.
R15 to R18 and R43 to R46 can be populated with 0 Ω, and the balun
interfacing resistors can be removed to bypass T1 and T2 for differential
interfacing. C7 to C10 can be used for ac coupling with differential
interfacing.
T1, T2 = ADT8-1T+ (Mini-Circuits)
C3, C6 = 0.1 μF (Size 0402)
C7 to C10 = 100 nF (Size 0402)
R15 to R18, R43 to R46, R51, R52,
R55, R56 = open (Size 0402)
R31, R32, R47 to R50, R53, R54, R57,
R58 = 0 Ω (Size 0402)
T3, T4, C19 to C24,
R7 to R14, R19 to R24,
R35 to R42
Output interface. Output SMAs OPP1_SE_P and OPM2_SE_P are used to
drive the baluns in a single-ended fashion. The default configuration of
the evaluation board is for single-ended operation.
T3 and T4 are 8:1 impedance ratio baluns to transform a 50 Ω, single-ended
output into a 400 Ω balanced differential load. R19, R20, R35, R36, R41, and
R42 are populated for appropriate balun interface. R7 to R14 are provided
for generic placement of matching components. R7 to R10 are set to 300 Ω
to present a 1 kΩ load (with the balun used) at the DUT output.
C19 to C22 are used for ac coupling when differential outputs are used.
C23 and C24 are balun decoupling capacitors. R21 to R24 and R37 to R40
can be populated with 0 Ω, and the balun interfacing resistors can be
removed to bypass T3 and T4 for differential interfacing.
T3, T4 = ADT8-1T+ (Mini-Circuits)
C19 to C22 = 100 nF (Size 0402)
C23, C24 = 0.1 μF (Size 0402)
R7 to R10 = 300 Ω (Size 0402)
R11 to R14 = open
R19, R20, R35, R36, R41, R42 = 0 Ω
(Size 0402)
R21 to R24, R37 to R40 = open
(Size 0402)
P2
Enable interface. The ADRF6510 is powered up by applying a logic high
voltage to the ENBL pin (Jumper P2 is connected to VPS).
P2 = installed for enable
C27, C28, R1, R29, R30,
R33, R34
Serial interface control. The digital interface sets the corner frequency of
the device using the serial interface via the LE, CLK, DATA, and SDO pins.
R1 = 10 kΩ (Size 0402)
C27, C28 = 330 pF (Size 0402)
R29, R30 = 100 Ω (Size 0402)
R33, R34 = 0 Ω (Size 0402)
P4, C13, C14, R3
DC offset correction loop compensation. The dc offset correction loop is
enabled (low) with Jumper P4. When enabled, the capacitors are connected
to circuit common. The high-pass corner frequency is expressed as follows:
fHP (Hz) = 1.2 × ((Linear Gain)/COFS (μF)).
P4 = installed
C13, C14 = 1000 pF (Size 0402)
R3 = 10 kΩ (Size 0402)
C18, R6
Output common-mode setpoint. The output common-mode voltage can
be set externally when applied to the VOCM pin. If the VOCM pin is left
open, the output common-mode voltage defaults to VPS/2.
C18 = 0.1 μF (Size 0402)
R6 = 0 Ω (Size 0402)
C17, R5
Analog gain control. 0 V to 2 V, 30 mV/dB gain scaling.
C17 = 0.1 μF (Size 0402)
R5 = 0 Ω (Size 0402)
P3, R4
Front-end 6 dB or 12 dB gain switch. Pull low for 6 dB; pull high for 12 dB.
P3 = installed
R4 = 10 kΩ (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com