Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADRF6510
Rev. 0 | Page 26 of 28
USB Section Configuration Options
Table 6 lists the components of the USB section of the ADRF6510 evaluation board.
Table 6.
Components
Default Conditions
XC1, XC2, XC6
22 pF (Size 0603)
XC3 to XC5, XC7, XC8, XC12 to XC19
0.1 μF (Size 0402)
XC9 to XC11
10 pF (Size 0402)
XD1
Green LED ( Panasonic LNJ308G8TRA)
XJ1
USB SMT connector (Hirose Electric UX60A-MB-5ST 240-0003-4)
XR1, XR2
2 kΩ (Size 0603)
XR3
1 kΩ (Size 0603)
XR4, XR5
100 kΩ (Size 0603)
XR6
0 Ω (Size 0603)
XU1
USB microcontroller (Cypress CY7C68013A-56LFXC)
XU2
64 kb EEPROM (Microchip 24LC64-I/SN)
XU3
Low dropout regulator (Analog Devices ADP3303ARZ-3.3)
XY1
24 MHz crystal oscillator (AEL Crystals X24M000000S244)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com