Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADRF6510
Rev. 0 | Page 22 of 28
A complete design example is shown in Figure 54. A third-order
Chebyshev differential filter with a 31 MHz corner frequency
interfaces the output of the ADRF6510 to that of an ADC input.
The 20 Ω source impedance reflects the impedance of the
output buffer stage. The 500 Ω load resistor defines the input
impedance of the ADC. The filter adheres to a 0.1 dB in-band
flatness and offers sufficient out-of-band rejection to act as an
antialiasing filter.
1.8µH
1.8µH
1µH
1µH
Figure 54. Third-Order Chebyshev Differential Filter Design Example
Figure 55 and Figure 56 show the measured frequency response
and group delay of the third-order Chebyshev differential filter.
10
–50
0
20
40
60
80
100
120
140
200
180
160
BASEBAND FREQUENCY (MHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
Figure 55. Third-Order Baseband Filter Response
20
0
0
20 40 60
300
280
260
240
220
200
180
160
140
120
100
80
BASEBAND FREQUENCY (MHz)
2
4
6
8
10
12
14
16
18
Figure 56. Third-Order Baseband Filter Group Delay Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com