Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADRF6510
Rev. 0 | Page 11 of 28
30
25
20
15
10
5
0
04
35
30
25
20
15
10
5
GAIN (dB)
0
BANDWIDTH = 30MHz
f1 = 14MHz, f2 = 15MHz
+25°C
+85°C
–40°C
Figure 23. In-Band OIP3 vs. Gain over Temperature
(Preamp Gain = 6 dB, Bandwidth Setting = 30 MHz)
120
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
COMPOSITE OUTPUT VOLTAGE (V p-p)
GAIN = 0dB
GAIN = 10dB
GAIN = 20dB
GAIN = 30dB
GAIN = 40dB
20
40
60
80
100
Figure 24. In-Band Third-Order Intermodulation Distortion
(Preamp Gain = 6 dB, Bandwidth Setting = 30 MHz)
120
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
COMPOSITE OUTPUT VOLTAGE (V p-p)
GAIN = 6dB
GAIN = 16dB
GAIN = 26dB
GAIN = 36dB
GAIN = 46dB
20
40
60
80
100
Figure 25. In-Band Third-Order Intermodulation Distortion
(Preamp Gain = 12 dB, Bandwidth Setting = 30 MHz)
65
–145
–45
65
INPUT LEVEL @ 115MHz AND 130MHz (dBV/Tone)
–135
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
5
15
25
35
45
55
–35
–25
–15
–5
5
15
25
35
45
55
BANDWIDTH = 30MHz
PREAMP
GAIN = 12dB
OUT-OF-BAND IIP2
2:1 SLOPE
PREAMP
GAIN = 6dB
Figure 26. Out-of-Band IIP2: IMD2 Tone at Midband
(Bandwidth Setting = 30 MHz)
10
0
–130
–45
5
INPUT LEVEL @ 115MHz AND 215MHz (dBV/Tone)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–40
–35
–30
–25
–20
–15
–10
–5
0
BANDWIDTH = 30MHz
PREAMP
GAIN = 12dB
OUT-OF-BAND IIP3
3:1 SLOPE
PREAMP
GAIN = 6dB
Figure 27. Out-of-Band IIP3: IMD3 Tone at Midband
(Bandwidth Setting = 30 MHz)
70
65
60
55
50
45
40
35
30
25
20
–5
0
5
10
15
20
25
30
35
40
45
GAIN (dB)
1MHz BW
2MHz BW
4MHz BW
6MHz BW
8MHz BW
30MHz BW
Figure 28. Noise Figure vs. Gain over Bandwidth Setting,
Preamp Gain = 6 dB (Noise Figure at 1/2 Bandwidth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com