Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPR121 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
MPR121
Sensors
26
Freescale Semiconductor
AN3891: MPR121 Baseline System
INTRODUCTION
Touch acquisition takes a few different parts of the system in order to detect touch. The baseline filter and touch detection are
tightly coupled. The purpose of the baseline filter is to “filter out touches” resulting in a system that is similar to a long term
average but also takes into account that one specific signature. A touch must have different properties than noise and
environmental change with respect to the filter response. This is accomplished through four register types that operate under
different conditions. These are Max Half Delta (MHD), Noise Half Delta (NHD), Noise Count Limit (NCL) and Filter Delay Limit
(FDL).
Figure 24. Data Flow in the MPR121
MAX HALF DELTA (NHD)
7
6
543210
R0
0
MHD
W
Reset:
0
0
000000
= Unimplemented
Table 22. Max Half Delta Register Field Descriptions
Field
Description
5:0
MHD
Max Half Delta – The Max Half Delta determines the largest magnitude of
variation to pass through the third level filter.
000000 DO NOT USE THIS CODE
000001 Encoding 1 – Sets the Max Half Delta to 1
~
111111 Encoding 63 – Sets the Max Half Delta to 63
AFE AQUISITION
RAW
DATA
2nd
FILTER
1st
FILTER
BASELINE
FILTER
STATUS REGISTER
IRQ
TOUCH
1 - 32
μs
1 - 128
μs
4 - 2048
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com