Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPR121 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
MPR121
Sensors
52
Freescale Semiconductor
Section C
Section D
Register Address
Register Name
Value
Application Note
0x41
ELE0 Touch Threshold
0x0F
AN3892
0x42
ELE0 Release Threshold
0x0A
AN3892
0x43
ELE1 Touch Threshold
0x0F
AN3892
0x44
ELE1 Release Threshold
0x0A
AN3892
0x45
ELE2 Touch Threshold
0x0F
AN3892
0x46
ELE2 Release Threshold
0x0A
AN3892
0x47
ELE3 Touch Threshold
0x0F
AN3892
0x48
ELE3 Release Threshold
0x0A
AN3892
0x49
ELE4 Touch Threshold
0x0F
AN3892
0x4A
ELE4 Release Threshold
0x0A
AN3892
0x4B
ELE5 Touch Threshold
0x0F
AN3892
0x4C
ELE5 Release Threshold
0x0A
AN3892
0x4D
ELE6 Touch Threshold
0x0F
AN3892
0x4E
ELE6 Release Threshold
0x0A
AN3892
0x4F
ELE7 Touch Threshold
0x0F
AN3892
0x50
ELE7 Release Threshold
0x0A
AN3892
0x51
ELE8 Touch Threshold
0x0F
AN3892
0x52
ELE8 Release Threshold
0x0A
AN3892
0x53
ELE9 Touch Threshold
0x0F
AN3892
0x54
ELE9 Release Threshold
0x0A
AN3892
0x55
ELE10 Touch Threshold
0x0F
AN3892
0x56
ELE10 Release Threshold
0x0A
AN3892
0x57
ELE11 Touch Threshold
0x0F
AN3892
0x58
ELE11 Release Threshold
0x0A
AN3892
Description: The touch threshold registers set the minimum delta from the baseline when a touch is detected
0x0F or 15 in decimal is an estimate of the minimum value for touch. Most electrodes will work with
this value even if they vary greatly in size and shape. The value of 0x0A or 10 is the release threshold
register allowed for hysteresis in the touch detection.
Variation: For very small electrodes, smaller values can be used and for very large electrodes the reverse is
true. One easy method is to view the deltas actually seen in a system and set the touch at 80% and
release at 70% of delta for good performance.
Register Address
Register Name
Value
Application Note
0x5D
Filter Configuration
0x04
AN3890
Description: There are three settings embedded in this register so it is only necessary to pay attention to one.
The ESI controls the sample rate of the device. In the default, the setting used is 0x00 for 1 ms
sample rate. Since the SFI is set to 00, resulting in 4 samples averaged, the response time will be
4ms.
Variation: To save power, the 1 ms can be increased to 128 ms by increasing the setting to 0x07. The values
are base 2 exponential thus 0x01 = 2 ms; 0x02 = 4 ms; and so on to 0x07 = 128 ms. Most of the
time, 0x04 results in the best compromise between power consumption and response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com