Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPR121 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
MPR121
Sensors
38
Freescale Semiconductor
For the system to recognize a touch the delta must be greater than the Touch Threshold.
Delta = Baseline - Data
Trigger Touch
Delta > Touch Threshold
A release is triggered when the Delta falls below the Release Threshold. This can happen for both changes to the Baseline
and actual Data changes. To understand how the Baseline can change, refer to AN3891.
Trigger Release
Delta < Touch Threshold
DEBOUNCE TOUCH AND RELEASE REGISTER
The last register available in this set is the Debounce register. The Debounce register maintains the accuracy of touch and
releases by further improving the performance. The debounce allows two different settings to prevent bounce in the end system.
If the value is set to 0x22, the requirement would be three sequential changes in status before the change would be recognized.
Figure 45. Debounce Touch and Release Register
CONCLUSION
The use of each of the features together can have a great effect of the jitter and false couch rejection. Jitter is prevented by
utilizing the two threshold settings. Thus the provided hysteresis prevent Jitter on the data from going through the to the output
Depending on environmental conditions, the Debounce can be used to eliminate the remainder of dramatic change of the signal
that aren’t really touches.
Additional filtering can be done before the data gets to the touch detection system. Refer to Freescale Application Note
AN3890.
7
6
543210
R0
DR
0
Dt
W
Reset:
0
0
000000
= Unimplemented
Table 33. Debounce Touch and Release Register Field Descriptions
Field
Description
6:4
DR
Debounce Release – The Debounce Release determines the number of sequential
release detections before an interrupt is triggered and a release is reported.
000 Encoding 0 - Consecutive releases detection before Status change is 1
001 Encoding 1 - Consecutive releases detection before Status change is 2
~
007 Encoding 7 - Consecutive releases detection before Status change is 8
2:0
DT
Debounce Touch – The Debounce Touch determines the number of sequential touch
detections before an interrupt is triggered and a touch is reported.
000 Encoding 0 - Consecutive touch detection before Status change is 1
001 Encoding 1 - Consecutive touch detection before Status change is 2
~
007 Encoding 7 - Consecutive touch detection before Status change is 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com