Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPR121 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
MPR121
Sensors
40
Freescale Semiconductor
Eleprox Baseline Value Register (0x2A) contains the 8 MSBs of the 10-bit baseline value for the 13th Proximity Detection
electrode. Writing to Baseline Value Register updates the 8 MSBs of baseline value and clears the 2 LSBs to zero. The Baseline
Value Registers can only be written when in Shutdown Mode, but the current values may be read at any time.
3.0
Proximity Sensing Status Indication
MPR121 provides a single proximity sensing status bit (ELE[12] in table below) in the Touch Status Register. This status bit
changes as a result of internal detection algorithm using the proximity raw data with the proximity baseline value and proximity
touch/release threshold setting. When ELE[12] is set, the proximity is deemed as detected, and undetected when ELE[12] is 0.
The update rate of this status bit will be determined by sampling rate and detection debounce setting. The status bit will not
immediately change if the Debounce Register is non zero. This Debounce Register is globally effective to prevent possible flick
noise for both touch and proximity sensing. The value in the Debounce Register determines how many numbers of sample inter-
vals are needed to pass at the touch/release threshold before the status bit is finally changed.
On ELEPROX status bit change, the interrupt pin will be asserted.
4.0
Proximity Detection Touch/Release Threshold
Similar to the touch/release threshold for touch detection, the proximity detection also has a pair of touch/release threshold
setting registers. The programmable threshold setting range is 0~63 count, representing the delta change below the baseline
value when touched or released. The Threshold should be set according to the system SNR requirement and also provide ade-
quate headroom for mass production variation. For normal application, set Touch Threshold slightly larger than Release Thresh-
old so that there is no flick detection.
Example: Touch Threshold = 0x08, Release Threshold = 0x05.
Table 36. Eleprox Baseline Value Register 0x2A (Reset Default: 0x00)
0x2A
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D9
D8
D7
D6
D5
D4
D3
D2
Table 37. Status Register 0x00, 0x01 (Reset Default: 0x00)
0x00
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ELE[7]
ELE[6]
ELE[5]
ELE[4]
ELE[3]
ELE[2]
ELE[1]
ELE[0]
0x01
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
OVCF
0
0
ELE[12]
ELE[11]
ELE[10]
ELE[9]
ELE[8]
Table 38. Debounce Register 0x5B (Reset Default: 0x00)
0x5B
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
X
DR[2]
DR[1]
DR[0]
X
DT[2]
DT[1]
DT[0]
Table 39. Eleprox Touch Threshold Register 0x59 (Reset Default: 0x00)
0x59
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D7
D6
D5
D4
D3
D2
D1
D0
Table 40. Eleprox Release Threshold Register 0x5A (Reset Default: 0x00)
0x5A
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com