Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPR121 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
MPR121
Sensors
46
Freescale Semiconductor
PWM0[3:0] ~ PWM7[3:0] is used to set the PWM duty of GPIO0 ~ GPIO7 respectively. The power up reset default setting for
these four register is 0x00. When a GPIO is programmed as output and the DAT register is “1” and if the corresponding PWM_
[3:0] register is not zero, the GPIO pin outputs PWM waveform. The PWM period is fixed 8ms (1/256 of 32 KHz OSC) and PWM_
[3:0] register decides duty of the waveform.
These register can be read/write any time, even if MPR121 is in Run Mode. When the register changes during PWM enables,
a mixed duty cycle would be possible to occur.
The PWM duty is not so much accurate, because GPIO output transition (include PWM) inhibits during measurement state.
Therefore, when interval time (=Touch Detection Sample Interval) is close to measurement time (depends on charge time, AFE
Samples and number of measurement electrodes), the PWM operation is disturbed and the waveform couldn’t keep programmed
duty.
PWM_ [3:0]
Description (_ is 0~7)
0
PWM is off, GPIO outputs stable high when DAT register is “1”
1
GPIO output duty is 1:15 (mostly output low)
2
GPIO output duty is 2:14 (mostly output low)
15
GPIO output duty is 15:1 (mostly output high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com