Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPR121 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPR121 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
51
The following sections describe what each of the defaults do and recommendations for variations.
Section A
Section B
0x7D
AUTO-CONFIG USL Register
0x9C
AN3889
F
0x7E
AUTO-CONFIG LSL Register
0x65
AN3889
F
0x7F
AUTO-CONFIG Target Level Register
0x8C
AN3889
F
Register Address
Register Name
Value
Application Note
0x2B
MHD Rising
0x01
AN3891
0x2C
NHD Amount Rising
0x01
AN3891
0x2D
NCL Rising
0x00
AN3891
0x2E
FDL Rising
0x00
AN3891
Description: This group of setting controls the filtering of the system when the data is greater than the baseline.
The setting used allow the filter to act quickly and adjust for environmental changes. Additionally, if
calibration happens to take place while a touch occurs, the value will self adjust very quickly. This
auto-recovery or snap back prevents repeated false negative for a touch detection.
Variation: As the filter is sensitive to setting changes, it is recommended that users read AN3891 before
changing the values. In most cases these default values will work
Register Address
Register Name
Value
Application Note
0x2F
MHD Falling
0x01
AN3891
0x30
NHD Amount Falling
0x01
AN3891
0x31
NCL Falling
0xFF
AN3891
0x32
FDL Falling
0x02
AN3891
Description: This group of setting controls the filtering of the system, when the data is less than the baseline. The
settings slow down the filter as the negative charge is in the same direction as a touch. By slowing
down the filter, touch signals are “rejected” by the baseline filter. While at the same time lon term
environmental change that occur slower than at a touch are accepted. This low pass filter both allows
for touches to be detected properly while preventing false positive by passing environmental change
through the filter.
Variation: As the filter is sensitive to setting changes, it is recommended that users read AN3891 before
changing the values. In most cases these default values will work
Register Address
Register Name
Value
Application Note
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com