Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/P Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F526-I/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 43Page - Microchip Technology PIC16F526-I/P Datasheet HTML 44Page - Microchip Technology PIC16F526-I/P Datasheet HTML 45Page - Microchip Technology PIC16F526-I/P Datasheet HTML 46Page - Microchip Technology PIC16F526-I/P Datasheet HTML 47Page - Microchip Technology PIC16F526-I/P Datasheet HTML 48Page - Microchip Technology PIC16F526-I/P Datasheet HTML 49Page - Microchip Technology PIC16F526-I/P Datasheet HTML 50Page - Microchip Technology PIC16F526-I/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 47
PIC16F526
Also, see the Electrical Specifications section for
variation of oscillator frequency due to VDD for given
REXT/CEXT values, as well as frequency variation due
to operating temperature for given R, C and VDD
values.
FIGURE 8-5:
EXTERNAL RC
OSCILLATOR MODE
8.2.5
INTERNAL 4/8 MHz RC
OSCILLATOR
The internal RC oscillator provides a fixed 4/8 MHz
(nominal) system clock at VDD = 5V and 25°C, (see
Section 14.0
“Electrical
Characteristics”
for
information on variation over voltage and temperature).
In addition, a calibration instruction is programmed into
the last address of memory, which contains the calibra-
tion value for the internal RC oscillator. This location is
always non-code protected, regardless of the code-
protect settings. This value is programmed as a MOVLW
XX instruction where XX is the calibration value, and is
placed at the Reset vector. This will load the W register
with the calibration value upon Reset and the PC will
then roll over to the users program at address 0x000.
The user then has the option of writing the value to the
OSCCAL Register (05h) or ignoring it.
OSCCAL, when written to with the calibration value, will
“trim” the internal oscillator to remove process variation
from the oscillator frequency.
For the PIC16F526 device, only bits 7:1 of OSCCAL
are used for calibration. See Register 4-3 for more
information.
VDD
REXT
CEXT
VSS
OSC1
Internal
clock
N
FOSC/4
OSC2/CLKOUT
PIC16F526
Note:
Erasing the device will also erase the pre-
programmed internal calibration value for
the internal oscillator. The calibration
value must be read prior to erasing the
part so it can be reprogrammed correctly
later.
Note:
The bit 0 of the OSCCAL register is
unimplemented and should be written as
‘0’
when
modifying
OSCCAL
for
compatibility with future devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com