Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/P Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F526-I/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 85Page - Microchip Technology PIC16F526-I/P Datasheet HTML 86Page - Microchip Technology PIC16F526-I/P Datasheet HTML 87Page - Microchip Technology PIC16F526-I/P Datasheet HTML 88Page - Microchip Technology PIC16F526-I/P Datasheet HTML 89Page - Microchip Technology PIC16F526-I/P Datasheet HTML 90Page - Microchip Technology PIC16F526-I/P Datasheet HTML 91Page - Microchip Technology PIC16F526-I/P Datasheet HTML 92Page - Microchip Technology PIC16F526-I/P Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 89
PIC16F526
TABLE 14-4:
A/D CONVERTER CHARACTERISTICS:
TABLE 14-5:
PULL-UP RESISTOR RANGES
A/D Converter Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
A01
NR
Resolution
8
bit
A03
EINL
Integral Error
1.5
LSb VDD = 5.0V
A04
EDNL Differential Error
-1< EDNL
1.7 LSb No missing codes to 8 bits
VDD = 5.0V
A06
EOFF Offset Error
1.5
LSb VDD = 5.0V
A07
EGN
Gain Error
-0.7
+2.2
LSb VDD = 5.0V
A10
Monotonicity
guaranteed(1)
——
VSS
 VAIN  VDD
A25
VAIN
Analog Input
Voltage
VSS
—VDD
V
A30
ZAIN
Recommended
Impedance of
Analog Voltage
Source
——
10
K
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
VDD (Volts)
Temperature (
C)
Min.
Typ.
Max.
Units
RB0/RB1/RB4
2.0
-40
73K
105K
186K
25
73K
113K
187K
85
82K
123K
190K
125
86K
132k
190K
5.5
-40
15K
21K
33K
25
15K
22K
34K
85
19K
26k
35K
125
23K
29K
35K
RB3
2.0
-40
63K
81K
96K
25
77K
93K
116K
85
82K
96k
116K
125
86K
100K
119K
5.5
-40
16K
20k
22K
25
16K
21K
23K
85
24K
25k
28K
125
26K
27K
29K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com