Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/P Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16F526-I/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 46Page - Microchip Technology PIC16F526-I/P Datasheet HTML 47Page - Microchip Technology PIC16F526-I/P Datasheet HTML 48Page - Microchip Technology PIC16F526-I/P Datasheet HTML 49Page - Microchip Technology PIC16F526-I/P Datasheet HTML 50Page - Microchip Technology PIC16F526-I/P Datasheet HTML 51Page - Microchip Technology PIC16F526-I/P Datasheet HTML 52Page - Microchip Technology PIC16F526-I/P Datasheet HTML 53Page - Microchip Technology PIC16F526-I/P Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 122 page
background image
PIC16F526
DS41326D-page 50
 2010 Microchip Technology Inc.
8.3.1
MCLR ENABLE
This Configuration bit, when unprogrammed (left in the
‘1’ state), enables the external MCLR function. When
programmed, the MCLR function is tied to the internal
VDD and the pin is assigned to be a I/O. See Figure 8-6.
FIGURE 8-6:
MCLR SELECT
8.4
Power-on Reset (POR)
The PIC16F526 device incorporates an on-chip Power-
on Reset (POR) circuitry, which provides an internal
chip Reset for most power-up situations.
The on-chip POR circuit holds the chip in Reset until
VDD has reached a high enough level for proper oper-
ation. To take advantage of the internal POR, program
the RB3/MCLR/VPP pin as MCLR and tie through a
resistor to VDD, or program the pin as RB3. An internal
weak pull-up resistor is implemented using a transistor
(refer to Table 14-5 for the pull-up resistor ranges). This
will eliminate external RC components usually needed
to create a Power-on Reset. A maximum rise time for
VDD is specified. See Section 14.0 “Electrical Char-
acteristics” for details.
When the device starts normal operation (exit the
Reset condition), device operating parameters (volt-
age, frequency, temperature,...) must be met to ensure
operation. If these conditions are not met, the device
must be held in Reset until the operating parameters
are met.
A simplified block diagram of the on-chip Power-on
Reset circuit is shown in Figure 8-7.
The Power-on Reset circuit and the Device Reset
Timer (see Section 8.5 “Device Reset Timer (DRT)”)
circuit are closely related. On power-up, the Reset latch
is set and the DRT is reset. The DRT timer begins
counting once it detects MCLR to be high. After the
time-out period, which is typically 18 ms or 1 ms, it will
reset the Reset latch and thus end the on-chip Reset
signal.
A power-up example where MCLR is held low is shown
in Figure 8-8. VDD is allowed to rise and stabilize before
bringing MCLR high. The chip will actually come out of
Reset TDRT msec after MCLR goes high.
In Figure 8-9, the on-chip Power-on Reset feature is
being used (MCLR and VDD are tied together or the pin
is programmed to be RB3. The VDD is stable before the
start-up timer times out and there is no problem in get-
ting a proper Reset. However, Figure 8-10 depicts a
problem situation where VDD rises too slowly. The time
between when the DRT senses that MCLR is high and
when MCLR and VDD actually reach their full value, is
too long. In this situation, when the start-up timer times
out, VDD has not reached the VDD (min) value and the
chip may not function correctly. For such situations, we
recommend that external RC circuits be used to
achieve longer POR delay times (Figure 8-9).
For additional information, refer to Application Notes
AN522 “Power-Up Considerations” (DS00522) and
AN607 “Power-up Trouble Shooting” (DS00607).
RB3/MCLR/VPP
MCLRE
Internal MCLR
RBWU
Note:
When the device starts normal operation
(exit the Reset condition), device operat-
ing parameters (voltage, frequency, tem-
perature, etc.) must be met to ensure
operation. If these conditions are not met,
the device must be held in Reset until the
operating conditions are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com