Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/P Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F526-I/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 57Page - Microchip Technology PIC16F526-I/P Datasheet HTML 58Page - Microchip Technology PIC16F526-I/P Datasheet HTML 59Page - Microchip Technology PIC16F526-I/P Datasheet HTML 60Page - Microchip Technology PIC16F526-I/P Datasheet HTML 61Page - Microchip Technology PIC16F526-I/P Datasheet HTML 62Page - Microchip Technology PIC16F526-I/P Datasheet HTML 63Page - Microchip Technology PIC16F526-I/P Datasheet HTML 64Page - Microchip Technology PIC16F526-I/P Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 61
PIC16F526
9.1.6
ANALOG CONVERSION RESULT
REGISTER
The ADRES register contains the results of the last
conversion. These results are present during the
sampling period of the next analog conversion process.
After the sampling period is over, ADRES is cleared
(= 0). A ‘leading one’ is then right shifted into the
ADRES to serve as an internal conversion complete
bit. As each bit weight, starting with the MSB, is
converted, the leading one is shifted right and the
converted bit is stuffed into ADRES. After a total of 9
right shifts of the ‘leading one’ have taken place, the
conversion is complete; the ‘leading one’ has been
shifted out and the GO/DONE bit is cleared.
If the GO/DONE bit is cleared in software during a
conversion, the conversion stops. The data in ADRES
is the partial conversion result. This data is valid for the
bit weights that have been converted. The position of
the ‘leading one’ determines the number of bits that
have been converted. The bits that were not converted
before the GO/DONE was cleared are unrecoverable.
REGISTER 9-1:
ADCON0: A/D CONTROL REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
ANS1
ANS0
ADCS1
ADCS0
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
ANS<1:0>: ADC Analog Input Pin Select bits(1), (2), (5)
00 = No pins configured for analog input
01 = AN2 configured as an analog input
10 = AN2 and AN0 configured as analog inputs
11 = AN2, AN1 and AN0 configured as analog inputs
bit 5-4
ADCS<1:0>: ADC Conversion Clock Select bits
00 = FOSC/16
01 = FOSC/8
10 = FOSC/4
11 = INTOSC/4
bit 3-2
CHS<1:0>: ADC Channel Select bits(3, 5)
00 = Channel AN0
01 = Channel AN1
10 = Channel AN2
11 = 0.6V absolute voltage reference
bit 1
GO/DONE: ADC Conversion Status bit(4)
1 = ADC conversion in progress. Setting this bit starts an ADC conversion cycle. This bit is automatically cleared
by hardware when the ADC is done converting.
0 = ADC conversion completed/not in progress. Manually clearing this bit while a conversion is in process termi-
nates the current conversion.
bit 0
ADON: ADC Enable bit
1 = ADC module is operating
0 = ADC module is shut-off and consumes no power
Note 1: When the ANS bits are set, the channels selected will automatically be forced into Analog mode, regardless of the pin
function previously defined. The only exception to this is the comparator, where the analog input to the comparator and
the ADC will be active at the same time. It is the users responsibility to ensure that the ADC loading on the comparator
input does not affect their application.
2: The ANS<1:0> bits are active regardless of the condition of ADON.
3: CHS<1:0> bits default to 11 after any Reset.
4: If the ADON bit is clear, the GO/DONE bit cannot be set.
5: C1OUT, when enabled, overrides AN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com