Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/P Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F526-I/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 87Page - Microchip Technology PIC16F526-I/P Datasheet HTML 88Page - Microchip Technology PIC16F526-I/P Datasheet HTML 89Page - Microchip Technology PIC16F526-I/P Datasheet HTML 90Page - Microchip Technology PIC16F526-I/P Datasheet HTML 91Page - Microchip Technology PIC16F526-I/P Datasheet HTML 92Page - Microchip Technology PIC16F526-I/P Datasheet HTML 93Page - Microchip Technology PIC16F526-I/P Datasheet HTML 94Page - Microchip Technology PIC16F526-I/P Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 91
PIC16F526
FIGURE 14-4:
EXTERNAL CLOCK TIMING
TABLE 14-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
C  TA  +85C (industrial),
-40
C  TA  +125C (extended)
Operating Voltage VDD range is described in Section 14.1 “DC
Characteristics: PIC16F526 (Industrial)”
Param
No.
Sym.
Characteristic
Min.
Typ.(1)
Max.
Units
Conditions
1A
FOSC
External CLKIN Frequency(2)
DC
4
MHz XT Oscillator mode
DC
20
MHz HS/EC Oscillator mode
DC
200
kHz
LP Oscillator mode
Oscillator Frequency(2)
4
MHz EXTRC Oscillator mode
0.1
4
MHz XT Oscillator mode
4
20
MHz HS/EC Oscillator mode
200
kHz
LP Oscillator mode
1TOSC
External CLKIN Period(2)
250
ns
XT Oscillator mode
50
ns
HS/EC Oscillator mode
5—
s
LP Oscillator mode
Oscillator Period(2)
250
ns
EXTRC Oscillator mode
250
10,000
ns
XT Oscillator mode
50
250
ns
HS/EC Oscillator mode
5—
s
LP Oscillator mode
2TCY
Instruction Cycle Time
200
4/FOSC
—ns
3
TosL,
TosH
Clock in (OSC1) Low or High
Time
50*
ns
XT Oscillator
2*
s
LP Oscillator
10*
ns
HS/EC Oscillator
4TosR,
TosF
Clock in (OSC1) Rise or Fall
Time
25*
ns
XT Oscillator
50*
ns
LP Oscillator
15*
ns
HS/EC Oscillator
* These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
C unless otherwise stated. These parameters are for
design guidance only and are not tested.
2:
All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption. When an external clock
input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
OSC1
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com