Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/P Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16F526-I/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 56Page - Microchip Technology PIC16F526-I/P Datasheet HTML 57Page - Microchip Technology PIC16F526-I/P Datasheet HTML 58Page - Microchip Technology PIC16F526-I/P Datasheet HTML 59Page - Microchip Technology PIC16F526-I/P Datasheet HTML 60Page - Microchip Technology PIC16F526-I/P Datasheet HTML 61Page - Microchip Technology PIC16F526-I/P Datasheet HTML 62Page - Microchip Technology PIC16F526-I/P Datasheet HTML 63Page - Microchip Technology PIC16F526-I/P Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
PIC16F526
DS41326D-page 60
 2010 Microchip Technology Inc.
9.1.5
SLEEP
This ADC does not have a dedicated ADC clock, and
therefore, no conversion in Sleep is possible. If a
conversion is underway and a Sleep command is
executed, the GO/DONE and ADON bit will be cleared.
This will stop any conversion in process and power-
down the ADC module to conserve power. Due to the
nature of the conversion process, the ADRES may con-
tain a partial conversion. At least 1 bit must have been
converted prior to Sleep to have partial conversion data
in ADRES. The ADCS and CHS bits are reset to their
default condition; ANS<1:0> = 11 and CHS<1:0> = 11.
• For accurate conversions, TAD must meet the
following:
•500 ns < TAD < 50
s
•TAD = 1/(FOSC/divisor)
Shaded areas indicate TAD out of range for accurate
conversions. If analog input is desired at these
frequencies, use INTOSC/8 for the ADC clock source.
TABLE 9-2:
TAD FOR ADCS SETTINGS WITH VARIOUS OSCILLATORS
TABLE 9-3:
EFFECTS OF SLEEP ON ADCON0
Source
ADCS
<1:0>
Divisor
20
MHz
16
MHz
8MHz 4MHz 1MHz
500
kHz
350
kHz
200
kHz
100
kHz
32 kHz
INTOSC
11
4
—.5
s1 s
FOSC
10
4
.2
s
.25
s.5 s1 s4 s8 s11 s20 s40 s
125
s
FOSC
01
8
.4
s.5 s1 s2 s8 s16 s23 s40 s
80
s
250
s
FOSC
00
16
.8
s1 s2 s4 s16 s32 s46 s
80
s 160 s 500 s
ANS1
ANS0
ADCS1
ADCS0
CHS1
CHS0
GO/DONE
ADON
Entering
Sleep
Unchanged Unchanged
111
100
Wake or
Reset
11
111
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com