Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-I/P Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16F526-I/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-I/P Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16F526-I/P Datasheet HTML 103Page - Microchip Technology PIC16F526-I/P Datasheet HTML 104Page - Microchip Technology PIC16F526-I/P Datasheet HTML 105Page - Microchip Technology PIC16F526-I/P Datasheet HTML 106Page - Microchip Technology PIC16F526-I/P Datasheet HTML 107Page - Microchip Technology PIC16F526-I/P Datasheet HTML 108Page - Microchip Technology PIC16F526-I/P Datasheet HTML 109Page - Microchip Technology PIC16F526-I/P Datasheet HTML 110Page - Microchip Technology PIC16F526-I/P Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 107
PIC16F526
16.0 PACKAGING INFORMATION
16.1
Package Marking Information
TABLE 16-1:
16-LEAD 3X3 QFN (MG) TOP MARKING
Part Number
Marking
PIC16F526 - I/MG
MG1
PIC16F526 - E/MG
MG2
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
14-Lead PDIP (300 mil)
14-Lead SOIC (3.90 mm)
XXXXXXXXXXX
YYWWNNN
Example
PIC16F526-E
0431017
XXXXXXXXXXX
14-Lead TSSOP (4.4 mm)
XXXXXXXX
YYWW
Example
16F526-I
0431
NNN
017
/SLG0125
Example
PIC16F526
0410017
0215
3
e
-I/PG
XXX
16-Lead QFN
YYWW
NNN
MG1
Example
0431
017
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability
code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com