Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP402 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # SMP402
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  SMP402 Datasheet HTML 1Page - Power Integrations, Inc. SMP402 Datasheet HTML 2Page - Power Integrations, Inc. SMP402 Datasheet HTML 3Page - Power Integrations, Inc. SMP402 Datasheet HTML 4Page - Power Integrations, Inc. SMP402 Datasheet HTML 5Page - Power Integrations, Inc. SMP402 Datasheet HTML 6Page - Power Integrations, Inc. SMP402 Datasheet HTML 7Page - Power Integrations, Inc. SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
D
1/96
SMP402
5
POLARITY
current
threshold.
Regulation of the output voltage is
detected by a comparator which looks
for error amplifier saturation in the output
high (maximum duty cycle) state.
Power supply turn on and turn off with a
slowly changing input voltage is shown
in Figure 4 as measured using the circuit
shown in Figure 6. Also shown are the
level and polarity outputs. The input
voltage must rise above 32 V before the
SMP402 will turn on.
At this input
voltage the current through R1 into the
SENSE+ input exceeds the threshold
current (typically 23
µA), the LEVEL
and POLARITY outputs go high, and
the power supply turns on. As the input
voltage goes down, LEVEL will go low
at approximately 30 V, but POLARITY
will stay high. As the input voltage
continues to drop, POLARITY goes low
at approximately 12 V and the converter
loses regulation at approximately 10 V
and turns off. The LEVEL output will
go high and the power supply turns on
when the input voltage reaches -32 V.
POLARITY stays low to indicate that
the input voltage has reversed polarity.
As the negative input voltage falls toward
zero, LEVEL goes low at approximately
-30 V and the converter loses regulation
and turns off at approximately -10 V.
Enable
The power supply can be shut down by
pulling the ENABLE pin low.
It is
internally pulled up to V
S with a 100 µA
(nominal) current source. However, it is
recommended that this pin be tied to V
S
if it is unused.
P-Channel Output Transistor
The output MOSFET is a 90 V pass
transistor capable of supplying >200
mA. To minimize switching noise and
EMI, it is important to keep the path
from OUT through the output diode, the
input storage capacitor, and into V
IN as
short as possible.
Functional Description (cont.)
Figure 5. LEVEL/POLARITY Truth Table. The LEVEL and POLARITY signals are only valid when the output voltage is in regulation.
INPUT VOLTAGE CONDITION
POLARITY
LEVEL
Negative voltage, level too low
0
0
Negative voltage, correct level
0
1
Positive voltage, level too low
1
0
Positive voltage, correct level
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com