Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP402 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # SMP402
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  SMP402 Datasheet HTML 1Page - Power Integrations, Inc. SMP402 Datasheet HTML 2Page - Power Integrations, Inc. SMP402 Datasheet HTML 3Page - Power Integrations, Inc. SMP402 Datasheet HTML 4Page - Power Integrations, Inc. SMP402 Datasheet HTML 5Page - Power Integrations, Inc. SMP402 Datasheet HTML 6Page - Power Integrations, Inc. SMP402 Datasheet HTML 7Page - Power Integrations, Inc. SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SMP402
D
1/96
2
PI-552B-062293
VIN
CEXT
OUT
EA OUT
+
-
VLS
ENABLE
VBIAS
LEVEL
SHIFT
UV
LOCKOUT
VS
A GND
REXT
HV
REG
BANDGAP
REF
THERMAL
SHUTDOWN
OSC
S
R
Q
+
-
EA IN
VREF
PWM COMPARATOR
ERROR
AMPLIFIER
SENSE+
POLARITY
D GND
LEVEL
S
R
Q
4 V
-
+
23
µA
SENSE-
23
µA
5
µA
VS
VS
VS
5
µA
VS
Figure 3. Functional Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com