Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP402 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # SMP402
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  SMP402 Datasheet HTML 1Page - Power Integrations, Inc. SMP402 Datasheet HTML 2Page - Power Integrations, Inc. SMP402 Datasheet HTML 3Page - Power Integrations, Inc. SMP402 Datasheet HTML 4Page - Power Integrations, Inc. SMP402 Datasheet HTML 5Page - Power Integrations, Inc. SMP402 Datasheet HTML 6Page - Power Integrations, Inc. SMP402 Datasheet HTML 7Page - Power Integrations, Inc. SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SMP402
1-Watt Buck Regulator IC
20-72 VDC Input
Non-isolated DC Output
®
Product Highlights
Integrated Power Switch and CMOS Controller
• Output power > 1 W from 48 VDC input
• Adjustable output voltage
• Integrated solution minimizes overall size
High-voltage, Low-capacitance MOSFET Output
• Designed for ISDN T1 telecommunications applications
• Low capacitance allows for high frequency operation
High-voltage Buck Regulator
• Internal pre-regulator self-powers the IC on start-up
• Designed for low power consumption
• Minimum external parts required
Built-In Self-protection Circuits
• Undervoltage lockout
• Thermal shutdown
• Input polarity/level sense
Description
The
SMP402,
intended
for
non-isolated
ISDN
telecommunications power supply applications, combines a
high voltage power MOSFET switch with a switchmode power
system controller in a monolithic integrated circuit.
Few
external components are required to implement a low cost
power supply which meets stringent ISDN specifications. High
frequency operation reduces total power supply size.
The P-channel power MOSFET switch features include high
voltage, low R
DS(ON), and low capacitance. Lower capacitance
results in a reduction in gate drive power, and also facilitates
higher frequency operation.
The controller section of the SMP402 contains all the blocks
required to drive and control the power stage: start-up pre-
regulator circuit, oscillator, bandgap reference, error amplifier,
gate driver and level shift.
Protection features include
undervoltage lockout, thermal shutdown, and input polarity
and level sensing.
The SMP402 is available in a 16-pin plastic SOIC package.
Figure 1. Typical Application.
ORDERING INFORMATION
PART
PACKAGE
T
j
NUMBER
OUTLINE
RANGE
SMP402SC
S16A
0 to 120
°C
PI-555A-123091
48 VDC
5 VDC
+
-
+
-
SMP402
Figure 2. Pin Configuration.
OUT
PI-553B-012892
POLARITY
VS
EA IN
EA OUT
VBIAS
CEXT
VIN
VLS
ENABLE
D GND
SENSE -
REXT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LEVEL
A GND
SENSE+
January 1996


Similar Part No. - SMP402

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SMP4003 FAIRVIEW-SMP4003 Datasheet
28Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 1.00"
REV A
SMP4003A FAIRVIEW-SMP4003A Datasheet
27Kb / 1P
2.92 FS 30 PHASESHIFTERS 18-40 GHZ
logo
Seme LAB
SMP400G-BA SEME-LAB-SMP400G-BA Datasheet
56Kb / 2P
P.I.N. PHOTODIODE
SMP400G-BB SEME-LAB-SMP400G-BB Datasheet
56Kb / 2P
P.I.N. PHOTODIODE
SMP400G-BC SEME-LAB-SMP400G-BC Datasheet
36Kb / 2P
P.I.N. PHOTODIODE
More results

Similar Description - SMP402

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
XRAH-02C50X BEL-XRAH-02C50X Datasheet
130Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/1.5 A Output
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
240Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
XRAH-07C1A0 BEL-XRAH-07C1A0 Datasheet
149Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3 Vdc Input 0.9 Vdc - 2.5 Vdc/7 A Output
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
logo
Toppower Electronic Tec...
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
WAGO Kontakttechnik Gmb...
787-1014-072-000 WAGO-787-1014-072-000 Datasheet
283Kb / 7P
DC/DC Converter; Compact; 72 VDC input voltage; 24 VDC output voltage;
787-1015-072-000 WAGO-787-1015-072-000 Datasheet
294Kb / 6P
DC/DC Converter; Compact; 72 VDC input voltage; 12 VDC output voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com