Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP402 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # SMP402
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button SMP402 Datasheet HTML 6Page - Power Integrations, Inc. SMP402 Datasheet HTML 7Page - Power Integrations, Inc. SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. SMP402 Datasheet HTML 10Page - Power Integrations, Inc. SMP402 Datasheet HTML 11Page - Power Integrations, Inc. SMP402 Datasheet HTML 12Page - Power Integrations, Inc. SMP402 Datasheet HTML 13Page - Power Integrations, Inc. SMP402 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SMP402
D
1/96
10
-50
-10
90
12
72
1.5
2.5
1
1.5
4.75
5.25
1
1.5
I
DSS
BV
DSS
V
IN
I
IN
V
BIAS
I
BIAS
V
IN = 72 V, OUT = 0 V, TA = 120°C
I
OUT = -250 µA, TA = 25°C
V
BIAS = A GND
V
BIAS = 5 V
OUTPUT (cont.)
OFF-State
Current
Breakdown
Voltage
HV Regulator
Voltage
Off-line Supply
Current
V
BIAS Supply
Voltage
V
BIAS Supply
Current
µA
V
V
mA
V
mA
SUPPLY
NOTES:
1. At low output currents (< 20 mA), the part may operate in blocking oscillation mode, resulting in large output ripple.
2. Applying >3.5 V to the EA IN pin activates an internal test circuit that turns on the output switch continuously.
Destruction of the part can occur if the output of the SMP402 is connected to a high voltage power source when the
test circuit is activated.
Figure 7. Switching Time Test Circuit.
PI-1456-042695
R1
1.2 M
Ω
100 nF
100 nF
20.5 k
Ω
120 pF
470
µH
100 nF
82
µF
75 k
Ω
1 nF
240 k
Ω
24.9 k
Ω
152
Ω
U1
UF4002
1.2 M
Ω
48 VDC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
V
IN = 48 V, VBIAS = 5 V, GNDs = 0 V
Min
Typ
Max
Units
R
EXT = 20.5 kΩ, CEXT = 120 pF
R
S+, RS- = 1.2 MΩ, Tj = 0 to 120°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com