Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP402 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # SMP402
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button SMP402 Datasheet HTML 4Page - Power Integrations, Inc. SMP402 Datasheet HTML 5Page - Power Integrations, Inc. SMP402 Datasheet HTML 6Page - Power Integrations, Inc. SMP402 Datasheet HTML 7Page - Power Integrations, Inc. SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. SMP402 Datasheet HTML 10Page - Power Integrations, Inc. SMP402 Datasheet HTML 11Page - Power Integrations, Inc. SMP402 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SMP402
D
1/96
8
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
V
IN = 48 V, VBIAS = 5 V, GNDs = 0 V
Min
Typ
Max
Units
R
EXT = 20.5 kΩ, CEXT = 120 pF
R
S+, RS- = 1.2 MΩ, Tj = 0 to 120°C
ABSOLUTE MAXIMUM RATINGS1
C
EXT = 30 to 300 pF
See Note 2
50
500
200
230
260
0-50
0-70
1.22
1.32
0.5
60
80
03
1
f
OSC
∆f
OSC
DC
V
REF
A
VOL
V
EA IN
Z
OUT
PULSE WIDTH MODULATOR
ERROR AMPLIFIER
Output
Frequency
Initial
Accuracy
Duty
Cycle
Threshold
Voltage
Gain-Bandwidth
Product
DC
Gain
Common-mode
Range
Output
Impedance
kHz
kHz
%
V
MHz
dB
V
k
Ω
Lead Temperature(3). ................................................ 260
°C
Power Dissipation ..................................................... 1.0 W
Thermal Impedance (
θ
JA) ...................................... 55°C/W
Thermal Impedance (
θ
JC)
(4) .................................... 15
°C/W
1. Unless noted, all voltages referenced to A GND, T
A=25˚C
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.
4. Measured at pin 4/5.
V
IN Voltage .................................................................. 80 V
Drain-Source Voltage (V
IN to OUT) ........................... 90 V
V
BIAS Voltage .............................................................. 5.5 V
SENSE Current ....................................................
±200 µA
OUT Voltage ........................................ V
IN + 0.3 V to -4 V
OUT Current .......................................................... 250 mA
Logic Input Voltage ........................... -0.3 V to V
S + 0.3 V
Storage Temperature ..................................... –65 to 125
°C
Operating Junction Temperature(2). ................... 0 to 150
°C
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com