Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP402 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # SMP402
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  SMP402 Datasheet HTML 1Page - Power Integrations, Inc. SMP402 Datasheet HTML 2Page - Power Integrations, Inc. SMP402 Datasheet HTML 3Page - Power Integrations, Inc. SMP402 Datasheet HTML 4Page - Power Integrations, Inc. SMP402 Datasheet HTML 5Page - Power Integrations, Inc. SMP402 Datasheet HTML 6Page - Power Integrations, Inc. SMP402 Datasheet HTML 7Page - Power Integrations, Inc. SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
D
1/96
SMP402
3
Pin Functional Description
Pin 1:
V
IN is
the high-voltage input to the
switching regulator. This is the Source
connection of the P-Channel power
MOSFET pass transistor.
Pin 2:
V
LS is an internal supply for the level
shift circuit that drives the P-Channel
MOSFET. A capacitor should be placed
between V
LS and VIN for bypassing. VLS
is normally 10 V below V
IN.
Pin 3:
The power supply can be shut down by
pulling ENABLE low.
Pin 4:
D GND is the common return point for
the power and logic portions of the
circuit.
Pin 5:
A GND is the common return point.
R
EXT and CEXT are directly connected to
this point.
Pin 6:
The SENSE+ input monitors the polarity
and level of the input voltage through an
external resistor for ISDN emergency
standby sensing.
Pin 7:
The SENSE- input monitors the polarity
and level of the input voltage through an
external resistor for ISDN emergency
standby sensing.
Pin 8:
A 20.5 k
Ω resistor connected between
R
EXT and A GND sets the internal bias
currents including oscillator charge and
discharge currents.
Pin 9:
The oscillator frequency can be
programmed by selecting the value of
the capacitor connected between C
EXT
and A GND.
Pin 10:
V
BIAS can be connected to the output 5 V
rail of the converter to reduce power
dissipation. The internal 5 V regulator is
cut off when the output is in regulation.
Pin 11:
EA OUT is the error amplifier output
pin for connection to the external
compensation network.
Pin 12:
EA IN is the error amplifier negative
input for connection to the feedback and
compensation networks.
Pin 13:
V
S is the internal supply voltage. This
pin is brought out for external bypassing.
Pin 14:
The LEVEL output indicates when the
input voltage is in its normal operating
range.
Pin 15:
The POLARITY output is used to notify
a microprocessor of an emergency
standby condition for ISDN applications.
Pin 16:
OUT is the Drain connection of the P-
Channel pass transistor.
Functional Description
High Voltage Regulator
The high-voltage regulator provides the
bias current required by the controller
and driver circuitry. The pre-regulator
consists of a high voltage MOSFET, a
gate bias current source, and an error
amplifier. The error amplifier regulates
V
S to approximately 5 V by controlling
the gate of the MOSFET.
In 5 V output applications, the control
circuitry may also be operated by
connecting the V
BIAS pin to the output 5
V rail of the converter to reduce power
dissipation. The internal 5 V regulator is
cut off automatically when the converter
output is in regulation. Only the supply
current for the level shift stage (
≈50 µA)
and the AC switching currents for the P-
Channel output device are drawn from
the V
IN supply under this condition.
If
unused, V
BIAS must be hardwired to A
GND to disable the automatic switchover
during power-up.
V
LS is the level-shift supply for driving
the gate of the internal P-channel
MOSFET.
The voltage at V
LS
is
approximately 10 V below V
IN. VS is the
supply voltage for the controller and
driver circuitry.
External bypass
capacitors connected to V
LS and VS are
required for filtering and reducing noise.
UV Lockout
During power-up, the undervoltage
lockout circuit keeps the P-channel
output transistor in the off state until the
internal V
S supply is in regulation and
the voltage sensed by the input monitor
circuit is within the normal operation
range (>12 V).
Band Gap Reference
V
REF is the 1.3 V reference voltage
generated
by
the
temperature-
compensated bandgap reference and
buffer. This voltage is used for setting
thresholds for the error amplifier and
over temperature circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com