Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT310 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT310 Datasheet HTML 2Page - ON Semiconductor CAT310 Datasheet HTML 3Page - ON Semiconductor CAT310 Datasheet HTML 4Page - ON Semiconductor CAT310 Datasheet HTML 5Page - ON Semiconductor CAT310 Datasheet HTML 6Page - ON Semiconductor CAT310 Datasheet HTML 7Page - ON Semiconductor CAT310 Datasheet HTML 8Page - ON Semiconductor CAT310 Datasheet HTML 9Page - ON Semiconductor CAT310 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT310
http://onsemi.com
6
TYPICAL CHARACTERISTICS
(VCC = 5 V, VBATT = 14 V, TAMB = 25°C, unless otherwise specified.)
Figure 3. VBATT Overvoltage Detection
Amplitude between 16 V and 26 V
Figure 4. BLANK and Output Waveform
1 msec / div
50 msec / div
LED
VBATT
OUT pin
LED
BLANK
Figure 5. XLAT Pull−down Current vs. Input
Voltage
Figure 6. BLANK Pull−up Current vs. Input
Voltage
XLAT VOLTAGE (V)
BLANK VOLTAGE (V)
5
4
3
2
1
0
0
2
4
6
8
10
12
14
5
4
3
2
1
0
0
2
4
6
8
10
12
14
Figure 7. VBATT Load Dump
Figure 8. Switch On−resistance vs. VCC
5 msec / div
VCC VOLTAGE (V)
40V
VBATT
6
5
4
3
2
0
2
4
6
8
10
12
125°C
−40°C
85°C
25°C
125°C
−40°C
85°C
25°C
125°C
−40°C
85°C
25°C
VCC = 5 V
5V/div
current
50mA/div
voltage
10V/div
5V/div
18V
current
50mA/
div
10V/div
LED
current
20mA/
div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com