Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT310 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT310 Datasheet HTML 1Page - ON Semiconductor CAT310 Datasheet HTML 2Page - ON Semiconductor CAT310 Datasheet HTML 3Page - ON Semiconductor CAT310 Datasheet HTML 4Page - ON Semiconductor CAT310 Datasheet HTML 5Page - ON Semiconductor CAT310 Datasheet HTML 6Page - ON Semiconductor CAT310 Datasheet HTML 7Page - ON Semiconductor CAT310 Datasheet HTML 8Page - ON Semiconductor CAT310 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT310
http://onsemi.com
4
+
–
+
–
10 BIT
DATA LATCHES
DISABLE
19 V
2.5 V UVLO
RESET
SOUT
SCLK
SIN
XLAT
BLANK
VBATT
OUT0
OUT9
OR
10 BIT SHIFT
REGISTER
10 BIT DRIVER
DRV0
DRV9
SW−0
SW−9
GND
PGND
Figure 2. Block Diagram
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com