Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT310 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT310 Datasheet HTML 1Page - ON Semiconductor CAT310 Datasheet HTML 2Page - ON Semiconductor CAT310 Datasheet HTML 3Page - ON Semiconductor CAT310 Datasheet HTML 4Page - ON Semiconductor CAT310 Datasheet HTML 5Page - ON Semiconductor CAT310 Datasheet HTML 6Page - ON Semiconductor CAT310 Datasheet HTML 7Page - ON Semiconductor CAT310 Datasheet HTML 8Page - ON Semiconductor CAT310 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT310
http://onsemi.com
2
Figure 1. Typical Application Circuit
1 mF
14 V (typical)
RS10
330 W
RS2
RS1
30 mA
5 V
SOUT
GND
PGND
BLANK
XLAT
SIN
SCLK
VBATT OUT0 OUT1
OUT9
CAT310
VBATTERY
VCC
VCC
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VCC voltage
7
V
Input voltage range (SIN, SCLK, BLANK, XLAT)
−0.3 V to VCC + 0.3 V
V
SOUT voltage range
−0.3 V to VCC + 0.3 V
V
Peak OUT0 to OUT9 voltage
40
V
VBATT input voltage
40
V
DC output current on OUT0 to OUT9
70
mA
Storage Temperature Range
−55 to +160
°C
Operating Junction Temperature Range
−40 to +150
°C
Lead Soldering Temperature (10 sec.)
300
°C
ESD Rating: Low Voltage Pins
Human Body Model
Machine Model
3000
300
V
ESD Rating: VBATT, OUT[0:9] pins
Human Body Model
Machine Model
1000
100
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VCC
3.0 to 5.5
V
Voltage applied to OUT0 to OUT9
9 to 17
V
Output current on OUT0 to OUT9
0 to 50
mA
Ambient Temperature Range
−40 to +125
_C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com