Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT310 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT310 Datasheet HTML 2Page - ON Semiconductor CAT310 Datasheet HTML 3Page - ON Semiconductor CAT310 Datasheet HTML 4Page - ON Semiconductor CAT310 Datasheet HTML 5Page - ON Semiconductor CAT310 Datasheet HTML 6Page - ON Semiconductor CAT310 Datasheet HTML 7Page - ON Semiconductor CAT310 Datasheet HTML 8Page - ON Semiconductor CAT310 Datasheet HTML 9Page - ON Semiconductor CAT310 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT310
http://onsemi.com
8
Figure 13. Timing Diagram
SCLK
SIN
SOUT
XLAT
BLANK
OUTn
Output Switch OFF
Output Switch ON
tpd
th
tsu
twl
twh
1/fsclk
th
tsu
tpd
tpd
Application Information
For applications with a large number of LEDs, several
CAT310 drivers can be daisy chained. The serial data output
pin (SOUT) of the first driver is connected to the second
driver data input pin (SIN). This sequence is repeated until
the last driver is linked. All drivers are controlled by the
same clock signal. Figure 14 shows an example with three
CAT310 devices driving a total of 30 LEDs in parallel. The
controller transmits the serial data sequentially through the
CAT310 devices. For N drivers connected in cascade, after
10 x N clock pulses, the data are latched with one single
XLAT transition.
Figure 14. Daisy Chain Application Diagram
4.7 mF
5 V
BLANK
XLAT
SOUT
GND PGND
VCC
VBAT
OUT0
OUT1
OUT9
CAT310
CONTROLLER
SCLK
SIN
VCC
VBATT
VBATTERY = 14 V (typical)
VCC
VCC
+
−
+
−
BLANK
XLAT
SOUT
VCC
VBAT
OUT0
OUT1
OUT9
CAT310
SCLK
SIN
BLANK
XLAT
SOUT
VCC
VBAT
OUT0
OUT1
OUT9
CAT310
SCLK
SIN
GND PGND
GND PGND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com