Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT310 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT310 Datasheet HTML 2Page - ON Semiconductor CAT310 Datasheet HTML 3Page - ON Semiconductor CAT310 Datasheet HTML 4Page - ON Semiconductor CAT310 Datasheet HTML 5Page - ON Semiconductor CAT310 Datasheet HTML 6Page - ON Semiconductor CAT310 Datasheet HTML 7Page - ON Semiconductor CAT310 Datasheet HTML 8Page - ON Semiconductor CAT310 Datasheet HTML 9Page - ON Semiconductor CAT310 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT310
http://onsemi.com
7
TYPICAL CHARACTERISTICS
(VCC = 5 V, VBATT = 14 V, TAMB = 25°C, unless otherwise specified.)
Figure 9. Output Channel Leakage vs. Bias
Voltage
Figure 10. Quiescent Current vs. Temperature
OUTPUT PIN BIAS VOLTAGE (V)
TEMPERATURE (°C)
15
14
13
16
12
11
10
0
2
4
6
8
10
12
14
100
75
125
50
25
0
−25
−50
0
5
10
15
20
Figure 11. VBATT Overvoltage Detection vs.
Temperature
Figure 12. VCC Undervoltage Lockout vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
75
50
125
25
0
−25
−50
14
16
18
20
22
24
100
75
125
50
25
0
−25
−50
0
0.5
1.0
1.5
2.0
2.5
3.0
125°C
−40°C
85°C
25°C
Functional Description
The CAT310 implements a 10−bit serial−in shift register
for storing the setting of the ten outputs. Serial input data
SIN are clocked into the shift register on the rising edge of
the clock. At the 10th clock pulse, the first data bit entered
is outputted from the shift register to SOUT. The following
clock pulses will output the following data bits onto SOUT.
The output data pattern replicates the input data stream with
a delay of ten clock pulses.
The 10−bit data pattern present in the shift register is
stored in the 10−bit data latch when the latch signal XLAT
is logic high. When XLAT transitions to logic low, data are
latched and stay unchanged for as long as XLAT remains
low. The last serial input data corresponds to OUT0. The
serial input data that was received 10 clock pulse ago is
stored in OUT9. When the BLANK input is logic high, all
the output switches are in the off state. If the BLANK input
is low, the 10−bit data latches control the 10 output switches.
A data bit value of zero keeps the switch off. A data bit value
of one keeps the switch on.
Serial to Parallel Shift Register
CLK →
SIN →
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
8
Bit
9
→ SOUT
Data Latch
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
XLAT →
LED
OUT0
LED
OUT1
LED
OUT2
LED
OUT3
LED
OUT4
LED
OUT5
LED
OUT6
LED
OUT7
LED
OUT8
LED
OUT9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com