Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT310 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT310 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT310 Datasheet HTML 1Page - ON Semiconductor CAT310 Datasheet HTML 2Page - ON Semiconductor CAT310 Datasheet HTML 3Page - ON Semiconductor CAT310 Datasheet HTML 4Page - ON Semiconductor CAT310 Datasheet HTML 5Page - ON Semiconductor CAT310 Datasheet HTML 6Page - ON Semiconductor CAT310 Datasheet HTML 7Page - ON Semiconductor CAT310 Datasheet HTML 8Page - ON Semiconductor CAT310 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
November, 2009 − Rev. 2
1
Publication Order Number:
CAT310/D
CAT310
10 Channel Automotive LED
Display Driver
Description
The CAT310 is a 10−channel LED driver for automotive and other
lighting applications. All LED output channels are driven from a low
on−resistance open−drain High Voltage CMOS Nch−FETs and are
fully compliant with “Load Dump” transients of up to 40 volts. The
LED bias current of each channel can be set independently using an
external series ballast resistor, making the device ideal for multi−color
instrumentation displays.
A high−speed serial interface (suitable with both 3.3 volt and 5 volt
systems) feeding a 10 bit shift register is used to program the desired
state (on/off) of each channel. The device offers a blanking control pin
(BLANK) which can be used to disable all channels on demand. A
serial output data pin (SOUT) is provided to daisy−chain devices in
large cluster LED applications.
During initial power up all channels are reset and cleared via an
under−voltage lock out (UVLO) detector and for added protection all
channels are disabled in the event of a battery over−voltage condition
(19 volts or more).
Features
• Automotive “Load Dump” Protection (40 V)
• 10 Independent LED Channels
• Up to 50 mA Output per Channel
• Overvoltage Detection at 19 V
• Serial Interface for Channel Programming
• Daisy Chain Output for Multi−driver Cascading
• LED Blanking Control
• Operating Temperature from −40°C to +125°C
• 20−pin SOIC Package
• This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant
Applications
• Automotive Lighting
• White and Other Color High Brightness LEDs
• Multi−color High−brightness LED Cluster Displays
• General LED Lighting
http://onsemi.com
SOIC−20
W SUFFIX
CASE 751BJ
PIN CONNECTIONS
NC
BLANK
VCC
VBATT
PGND
OUT5
OUT6
OUT7
OUT8
OUT9
SCLK
XLAT
SIN
SOUT
GND
OUT4
OUT3
OUT2
OUT1
OUT0
CAT310W
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
CAT310W
SOIC−20
(Pb−Free)
1,000/Tape & Reel
CAT310W = Specific Device Code
1


Similar Part No. - CAT310

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
374Kb / 10P
10 Channel Automotive LED Display Driver
CAT310 CATALYST-CAT310 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
510Kb / 11P
10 Channel Automotive LED Display Driver
CAT310J CATALYST-CAT310J Datasheet
374Kb / 10P
10 Channel Automotive LED Display Driver
CAT310W CATALYST-CAT310W Datasheet
374Kb / 10P
10 Channel Automotive LED Display Driver
More results

Similar Description - CAT310

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
374Kb / 10P
10 Channel Automotive LED Display Driver
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310_07 Datasheet
510Kb / 11P
10 Channel Automotive LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
ON Semiconductor
CAT310W ONSEMI-CAT310W Datasheet
291Kb / 11P
10 Channel Automotive LED Display Driver
Doc. No. 25087, Rev. 2
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
Automotive Single-Channel LED Driver
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
Automotive Single-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com