Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CYFT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH511CYFT
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CYFT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH511CYFT Datasheet HTML 2Page - STMicroelectronics TSH511CYFT Datasheet HTML 3Page - STMicroelectronics TSH511CYFT Datasheet HTML 4Page - STMicroelectronics TSH511CYFT Datasheet HTML 5Page - STMicroelectronics TSH511CYFT Datasheet HTML 6Page - STMicroelectronics TSH511CYFT Datasheet HTML 7Page - STMicroelectronics TSH511CYFT Datasheet HTML 8Page - STMicroelectronics TSH511CYFT Datasheet HTML 9Page - STMicroelectronics TSH511CYFT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
TSH511
6/25
3
Electrical characteristics
Table 4.
VCC = 2.7V, Tamb = 25°C, faudio = 1kHz, fcarrier = 2.8MHz, frequency deviation = +/-75kHz
(unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Overall circuit (referring to typical application schematic, without reject filters)
ICC_OX
Current consumption
RX1 is on, RX2 is on
SBY1 = ’Low’
SBY2 = X
(X = position is irrelevant)
15
18
mA
ICC_10
Current consumption
RX1 is on, RX2 is off
RX1 audio buffer is on
RX2 audio buffer is on
SBY1 = ’High’
SBY2 = ’Low’
11
13
mA
ICC_11
Current consumption
RX1 is on, RX2 is off
RX1 audio buffer is on
RX2 audio buffer is off
SBY1 = ’High’
SBY2 = ’High’
9.5
11.5
mA
MAUS
Maximum usable average sensitivity
With audio SINAD=12dB,
audio BW=30kHz
With audio SINAD=26dB,
audio BW=30kHz
4
19
µVRMS
SNOUT
Output audio signal to noise ratio
Vcarrier = 1mVRMS, with
psophometric filter
58
dB
Vi
Input limiting voltage
Output S/N reduced by 3dB,
in BW = 30kHz
Output S/N reduced by 3dB,
psophometric filter
80
60
µVRMS
THD
Total harmonic distortion
Vcarrier = 1mVRMS, with
psophometric filter
0.6
%
Low noise amplifier (LNA) section
GLNA
LNA voltage gain
ZL= 2kΩ, fcarrier = 2.8MHz
18
22
28
dB
BWLNA
-3dB LNA bandwidth
ZL = 2kΩ
20
MHz
En_LNA
Equivalent input noise voltage
Rs = 0
Ω
3.4
nV/
√Hz
In_LNA
Equivalent input noise current
Rs = 0
Ω
0.6
pA/
√Hz
ZLNA_IN
Input impedance defined as
RLNA_IN in parallel with CLNA_IN
RLNA_IN
CLNA_IN
30
2
k
Ω
pF
ZLNA_OUT Output impedance
200
Ω
P1dB_LNA
1dB compression point
ZL= 2kΩ
ZL= 2kΩ, fcarrier= 2.8MHz
127
95
mVRMS
IIP3LNA
Input 3rd order interception point
ZL= 2kΩ
ZL= 2kΩ, fcarrier= 2.8MHz
30
22
mVRMS
Amplifier (AMP) section
GAMP
Amplifier voltage gain
ZL=2kΩ, fcarrier= 2.8MHz
16
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com